Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 129 Page - Texas Instruments

Back Button AM625 Datasheet HTML 125Page - Texas Instruments AM625 Datasheet HTML 126Page - Texas Instruments AM625 Datasheet HTML 127Page - Texas Instruments AM625 Datasheet HTML 128Page - Texas Instruments AM625 Datasheet HTML 129Page - Texas Instruments AM625 Datasheet HTML 130Page - Texas Instruments AM625 Datasheet HTML 131Page - Texas Instruments AM625 Datasheet HTML 132Page - Texas Instruments AM625 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 259 page
background image
7.11.5.1.2 CPSW3G RMII Timing
Table 7-29, Table 7-30, Figure 7-27, Table 7-31, Figure 7-28, Table 7-32, and Figure 7-29 present timing
conditions, requirements, and switching characteristics for CPSW3G RMII.
Table 7-29. CPSW3G RMII Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
VDD(1) = 1.8V
0.18
0.54
V/ns
VDD(1) = 3.3V
0.4
1.2
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
3
25
pF
(1)
VDD stands for corresponding power supply. For more information on the power supply name and the corresponding ball(s), see
POWER column of the Pin Attributes table.
Table 7-30. RMII[x]_REF_CLK Timing Requirements – RMII Mode
see Figure 7-27
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
RMII1
tc(REF_CLK)
Cycle time, RMII[x]_REF_CLK
19.999
20.001
ns
RMII2
tw(REF_CLKH)
Pulse Duration, RMII[x]_REF_CLK High
7
13
ns
RMII3
tw(REF_CLKL)
Pulse Duration, RMII[x]_REF_CLK Low
7
13
ns
RMII[x]_REF_CLK
RMII2
RMII3
RMII1
Figure 7-27. CPSW3G RMII[x]_REF_CLK Timing Requirements – RMII Mode
Table 7-31. RMII[x]_RXD[1:0], RMII[x]_CRS_DV, and RMII[x]_RX_ER Timing Requirements – RMII Mode
see Figure 7-28
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
RMII4
tsu(RXD-REF_CLK)
Setup time, RMII[x]_RXD[1:0] valid before RMII[x]_REF_CLK
4
ns
tsu(CRS_DV-REF_CLK)
Setup time, RMII[x]_CRS_DV valid before RMII[x]_REF_CLK
4
ns
tsu(RX_ER-REF_CLK)
Setup time, RMII[x]_RX_ER valid before RMII[x]_REF_CLK
4
ns
RMII5
th(REF_CLK-RXD)
Hold time RMII[x]_RXD[1:0] valid after RMII[x]_REF_CLK
2
ns
th(REF_CLK-CRS_DV)
Hold time, RMII[x]_CRS_DV valid after RMII[x]_REF_CLK
2
ns
th(REF_CLK-RX_ER)
Hold time, RMII[x]_RX_ER valid after RMII[x]_REF_CLK
2
ns
RMII4
RMII5
RMII[x]_
_
REF CLK
RMII[x]_RXD[1:0], RMII[x]_CRS_DV,
RMII[x]_RX_ER
Figure 7-28. CPSW3G RMII[x]_RXD[1:0], RMII[x]_CRS_DV, RMII[x]_RX_ER Timing Requirements – RMII
Mode
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
129
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com