Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 128 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM625 Datasheet(HTML) 128 Page - Texas Instruments

Back Button AM625 Datasheet HTML 124Page - Texas Instruments AM625 Datasheet HTML 125Page - Texas Instruments AM625 Datasheet HTML 126Page - Texas Instruments AM625 Datasheet HTML 127Page - Texas Instruments AM625 Datasheet HTML 128Page - Texas Instruments AM625 Datasheet HTML 129Page - Texas Instruments AM625 Datasheet HTML 130Page - Texas Instruments AM625 Datasheet HTML 131Page - Texas Instruments AM625 Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 259 page
background image
7.11.5 Peripherals
7.11.5.1 CPSW3G
For more details about features and additional description information on the device Gigabit Ethernet MAC, see
the corresponding subsections within Signal Descriptions and Detailed Description sections.
7.11.5.1.1 CPSW3G MDIO Timing
Table 7-26, Table 7-27, Table 7-28, and Figure 7-26 present timing conditions, requirements, and switching
characteristics for CPSW3G MDIO.
Table 7-26. CPSW3G MDIO Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.9
3.6
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
10
470
pF
Table 7-27. CPSW3G MDIO Timing Requirements
see Figure 7-26
NO.
PARAMETER
MIN
MAX
UNIT
MDIO1 tsu(MDIO_MDC)
Setup time, MDIO[x]_MDIO valid before MDIO[x]_MDC high
90
ns
MDIO2 th(MDC_MDIO)
Hold time, MDIO[x]_MDIO valid after MDIO[x]_MDC high
0
ns
Table 7-28. CPSW3G MDIO Switching Characteristics
see Figure 7-26
NO.
PARAMETER
MIN
MAX
UNIT
MDIO3 tc(MDC)
Cycle time, MDIO[x]_MDC
400
ns
MDIO4 tw(MDCH)
Pulse Duration, MDIO[x]_MDC high
160
ns
MDIO5 tw(MDCL)
Pulse Duration, MDIO[x]_MDC low
160
ns
MDIO7 td(MDC_MDIO)
Delay time, MDIO[x]_MDC low to MDIO[x]_MDIO valid
-150
150
ns
MDIO3
MDIO1
MDIO2
MDIO7
MDIO4
MDIO5
MDIO[x]_MDC
MDIO[x]_MDIO
(input)
MDIO[x]_MDIO
(output)
CPSW2G_MDIO_TIMING_01
Figure 7-26. CPSW3G MDIO Timing Requirements and Switching Characteristics
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58B – JUNE 2022 – REVISED JUNE 2023
www.ti.com
128
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com