Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 65 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 65 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 61Page - Intel Corporation PD6710 Datasheet HTML 62Page - Intel Corporation PD6710 Datasheet HTML 63Page - Intel Corporation PD6710 Datasheet HTML 64Page - Intel Corporation PD6710 Datasheet HTML 65Page - Intel Corporation PD6710 Datasheet HTML 66Page - Intel Corporation PD6710 Datasheet HTML 67Page - Intel Corporation PD6710 Datasheet HTML 68Page - Intel Corporation PD6710 Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 138 page
background image
ISA-to-PC-Card (PCMCIA) Controllers — PD6710/’22
Datasheet
65
Bits 7:0 — Start Address 19:12
This register contains the least-significant byte of the address that specifies where in the memory
space the corresponding memory map will begin. Memory accesses that are equal or above this
address and equal or below the corresponding System Memory Map End Address will be mapped
into the memory space of the corresponding PC Card.
The most-significant four bits are located in the System Memory Map 0–4 Start Address High
register (see “System Memory Map 0–4 Start Address High” on page 65).
9.2
System Memory Map 0–4 Start Address High
There are five separate System Memory Map Start Address High registers, each with identical
fields. These registers are located at the following indexes:
Index
System Memory Map Start Address High
11h
System Memory Map 0 Start Address High
19h
System Memory Map 1 Start Address High
21h
System Memory Map 2 Start Address High
29h
System Memory Map 3 Start Address High
31h
System Memory Map 4 Start Address High
Bits 3:0 — Start Address 23:20
This field contains the most-significant four bits of the Start Address. See the description of the
Start Address field associated with bits 7:0 of the System Memory Map 0–4 Start Address Low
register (see “System Memory Map 0–4 Start Address Low” on page 64).
Bit 7 — Window Data Size
This bit determines the data path size to the card.
Register Name: System Memory Map 0–4 Start Address High
Index: 11h, 19h, 21h, 29h, 31h
Register Per: socket
Register Compatibility Type: 365
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Window Data
Size
Compatibility
Bit
Scratchpad Bits
Start Address 23:20
RW:0
RW:0
RW:00
RW:0000
0
8-bit data path to the card.
1
16-bit data path to the card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com