Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 97 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 97 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 93Page - Intel Corporation PD6710 Datasheet HTML 94Page - Intel Corporation PD6710 Datasheet HTML 95Page - Intel Corporation PD6710 Datasheet HTML 96Page - Intel Corporation PD6710 Datasheet HTML 97Page - Intel Corporation PD6710 Datasheet HTML 98Page - Intel Corporation PD6710 Datasheet HTML 99Page - Intel Corporation PD6710 Datasheet HTML 100Page - Intel Corporation PD6710 Datasheet HTML 101Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 138 page
background image
ISA-to-PC-Card (PCMCIA) Controllers — PD6710/’22
Datasheet
97
15.0
DMA Operation (PD6722 only)
15.1
DMA Capabilities of the PD6722
The PD6722 include support of a DMA-capable PC Card slave and the movement of DMA data to/
from the card with the ISA bus as a DMA master.
Only one socket at a time should be enabled for DMA transfer because the ISA bus DMA
handshake signals are shared between both socket interfaces.
DMA transfers to and from the DMA-capable PC Card may be 8- or 16-bit, as indicated by the size
of the ISA bus DMA cycle.
Note:
Transfer size at socket interface is the same as transfer size on an ISA bus. For 8-bit DMA
transfers, connect PD6722 DMA handshake signals to ISA bus DMA channels 0, 1, 2, or 3. For 16-
bit transfers, connect PD6722 DMA handshake signals to ISA bus DMA channels 5, 6, or 7.
15.2
DMA-Type PC Card Cycles
Transfer of DMA data to or from a card is achieved through use of a special DMA-type PC Card
interface cycle. This cycle is defined to not conflict with standard PC Card memory or I/O cycles.
A card that is DMA-capable can distinguish PC Card interface cycle types presented by the
PD6722 according to the following table:
Note:
Bits 7 and 6 of the Extension Control 1 register must be nonzero for Table 19 to be true; otherwise
only standard PC Card cycles will be issued to the card.
The PC Card address is also undefined during the DMA read or write cycle.
Card DMA data read and write cycles transfer DMA data to or from a DMA-capable PC Card.
These cycles are distinguished from normal card I/O cycles by the -REG signal being high during
the cycle, which is an undefined condition in the PC Card Standard.
Table 19. Four Card Cycle Types for DMA-Type PC Card Interface
Socket Interface Cycle Type
Function of -WE/-OE
Function of
-IORD/-IOWR
Function of -REG
Card Memory Read/Write
Data transfer signaling
Always inactive high
Always inactive high
Attribute Memory Read/Write
Data transfer signaling
Always inactive high
Always low
Card I/O Read/Write
Always inactive high
Data transfer signaling
Low = non-DMA I/O cycle
Card DMA Data Read/Write
Terminal count outputs
Data transfer signaling
High = DMA cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com