Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 95 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 95 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 91Page - Intel Corporation PD6710 Datasheet HTML 92Page - Intel Corporation PD6710 Datasheet HTML 93Page - Intel Corporation PD6710 Datasheet HTML 94Page - Intel Corporation PD6710 Datasheet HTML 95Page - Intel Corporation PD6710 Datasheet HTML 96Page - Intel Corporation PD6710 Datasheet HTML 97Page - Intel Corporation PD6710 Datasheet HTML 98Page - Intel Corporation PD6710 Datasheet HTML 99Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 138 page
background image
ISA-to-PC-Card (PCMCIA) Controllers — PD6710/’22
Datasheet
95
14.0
VS1# and VS2# Voltage Detection
The PD6722 provides support for VS1# and VS2# voltage sense for environments where special
low-voltage keyed PC Card sockets are to be used. With a low-voltage keyed socket, it is necessary
to determine the operating voltage range of a card before applying power to it. The PD6722
supports reading of the levels on a socket’s VS1# and VS2# pins through a uniform extended
register programming model using Socket B extended register 0Ah. The programming model is as
follows:
For voltage detection on the PD6710, refer to the 5V_DET pin.
On the PD6722, the B_GPSTB pin is programmed as a general-purpose read strobe. The VS1# and
VS2# pins from the A and B sockets are connected to the external half of a ’244 buffer as follows
(which allows Socket A VS1 and VS2 to appear as bits 0 and 1, and Socket B VS1 and VS2 to
appear as bits 2 and 3):
Register Name: External Data
Index: 6Fh
Extended Index: 0Ah
Register Per: socket
Register Compatibility Type: ext.
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
External Data
7
External Data
6
External Data
5
External Data
4
B_VS2 Input
B_VS1 Input
A_VS2 Input
A_VS1 Input
RW:0
RW:0
RW:0
RW:0
R:0
R:0
R:0
R:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com