Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 88 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 88 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 84Page - Intel Corporation PD6710 Datasheet HTML 85Page - Intel Corporation PD6710 Datasheet HTML 86Page - Intel Corporation PD6710 Datasheet HTML 87Page - Intel Corporation PD6710 Datasheet HTML 88Page - Intel Corporation PD6710 Datasheet HTML 89Page - Intel Corporation PD6710 Datasheet HTML 90Page - Intel Corporation PD6710 Datasheet HTML 91Page - Intel Corporation PD6710 Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 138 page
background image
PD6710/’22 — ISA-to-PC-Card (PCMCIA) Controllers
88
Datasheet
12.0
ATA Mode Operation
The PD67XX PC Card interfaces can be dynamically configured to support a PC Card–compatible
ATA disk interface (commonly known as ‘IDE’) instead of the standard PC Card interface. Disk
drives that can be made mechanically-compatible with PC Card dimensions can thus operate
through the socket using the ATA electrical interface.
Configuring a socket to support ATA operation changes the function of certain card socket signals
to support the needs of the ATA disk interface. Table 17 lists each interface pin and its function
when a PD67XX card socket is operating in ATA mode. Refer to application note AN-PD5,
Configuring PCMCIA Sockets for ATA Drive Interface, for more information.
All register functions of the PD67XX are available in ATA mode, including socket power control,
interface signal disabling, and card window control. No memory operations are allowed in ATA
mode.
Table 17. ATA Pin Cross-Reference (Sheet 1 of 3)
PC Card Socket
Pin Number
Function
PC Card
Interface
ATA Interface
1
Ground
Ground
2D3
D3
3D4
D4
4D5
D5
5D6
D6
6D7
D7
7-CE1
-CS0
8
A10
n/c
9
-OE
-ATA (always low)
10
A11
n/c
11
A9
CS1*
12
A8
n/c
13
A13
n/c
14
A14
n/c
15
-WE
n/c
16
-IREQ
IREQ
17
VCC
VCC
18
VPP1
n/c
19
A16
n/c
20
A15
n/c
21
A12
n/c
22
A7
n/c
1. Not supported by the PD67XX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com