Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 62 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 62 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 58Page - Intel Corporation PD6710 Datasheet HTML 59Page - Intel Corporation PD6710 Datasheet HTML 60Page - Intel Corporation PD6710 Datasheet HTML 61Page - Intel Corporation PD6710 Datasheet HTML 62Page - Intel Corporation PD6710 Datasheet HTML 63Page - Intel Corporation PD6710 Datasheet HTML 64Page - Intel Corporation PD6710 Datasheet HTML 65Page - Intel Corporation PD6710 Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 138 page
background image
PD6710/’22 — ISA-to-PC-Card (PCMCIA) Controllers
62
Datasheet
8.6
Card I/O Map 0–1 Offset Address Low
There are two separate Card I/O Map Offset Address Low registers, each with identical fields.
These registers are located at the following indexes:
Index
Card I/O Map Offset Address Low
36h
Card I/O Map 0 Offset Address Low
38h
Card I/O Map 1 Offset Address Low
Bits 7:1 — Offset Address 7:1
This register contains the least-significant byte of the quantity that will be added to the host I/O
address; this will determine the PC Card I/O map location where the I/O access will occur.
The most-significant byte is located in the Card I/O Map 0–1 Offset Address High register (see
“Card I/O Map 0–1 Offset Address High” on page 62).
8.7
Card I/O Map 0–1 Offset Address High
There are two separate Card I/O Map Offset Address High registers, each with identical fields.
These registers are located at the following indexes:
Index
Card I/O Map Offset Address High
37h
Card I/O Map 0 Offset Address High
39h
Card I/O Map 1 Offset Address High
Register Name: Card I/O Map 0–1 Offset Address Low
Index: 36h, 38h
Register Per: socket
Register Compatibility Type: ext.
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Offset Address 7:1
0 1
RW:0000000
RW:0
1. This bit must be programmed to ‘0’.
Register Name: Card I/O Map 0–1 Offset Address High
Index: 37h, 39h
Register Per: socket
Register Compatibility Type: ext.
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Offset Address 15:8
RW:00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com