Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 91 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 91 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 87Page - Intel Corporation PD6710 Datasheet HTML 88Page - Intel Corporation PD6710 Datasheet HTML 89Page - Intel Corporation PD6710 Datasheet HTML 90Page - Intel Corporation PD6710 Datasheet HTML 91Page - Intel Corporation PD6710 Datasheet HTML 92Page - Intel Corporation PD6710 Datasheet HTML 93Page - Intel Corporation PD6710 Datasheet HTML 94Page - Intel Corporation PD6710 Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 138 page
background image
ISA-to-PC-Card (PCMCIA) Controllers — PD6710/’22
Datasheet
91
13.0
Using GPSTB Pins for External Port Control
(PD6722 only)
The PD6722 provides pins that can be programmed to function as general-purpose strobes to
external latches or buffers, allowing them to serve as read ports or write ports mapped into the
PD6722 register set.
Configuring a GPSTB pin as a read port allows an easy way to read additional card status such as
VS1# and VS2# levels, a card socket microswitch status, a card port cover microswitch status, card
eject solenoid position status, or general system signal status.
Configuring a GPSTB pin as a write port allows an easy way to control additional features such as
card-state LEDs, card mechanism solenoids, or motor eject mechanisms.
13.1
Control of GPSTB Pins
The Extension Control 2 register controls the GPSTB pins.
For the PD6722, the A_GPSTB pin is controlled by the Extension Control 2 register at Socket A
(index 2Fh, extended index 0Bh), and the B_GPSTB pin is controlled by the Extension Control 2
register at Socket B (index 6Fh, extended index 0Bh).
The following table summarizes how the GPSTB pins are configured and how data is accessed
from external ports created by using a GPSTB pin to control an external read or write port.
Programming the Extension Control 2 Register
There is one Extension Control 2 register per GPSTB pin. Each register has identical GPSTB
control bits, as follows. See also the description of this register in “Extension Control 2 (PD6722
only)” on page 83.
Table 18. Registers for Control and Data of GPSTB Pins
Pin Name
GPSTB Control Access
External Port Data Access
A_GPSTB (PD6722)
Set register 2E to 0Bh,
access Extension Control 2 register at 2F
Set register 2E to 0Ah,
access External Data register at 2F
B_GPSTB (PD6722)
Set register 6E to 0Bh,
access Extension Control 2 register at 6F
Set register 6E to 0Ah,
access External Data register at 6F
Register Name: Extension Control 2
Index: 2Fh and 6Fh
Extended Index: 0Bh
Register Per: socket
Register Compatibility Type: ext.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Active-high
GPSTB
GPSTB on
IOW*
GPSTB on
IOR*
Totem-pole
GPSTB
Reserved
RW:00
RW:0
RW:0
RW:0
RW:0
RW:00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com