Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 82 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 82 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 78Page - Intel Corporation PD6710 Datasheet HTML 79Page - Intel Corporation PD6710 Datasheet HTML 80Page - Intel Corporation PD6710 Datasheet HTML 81Page - Intel Corporation PD6710 Datasheet HTML 82Page - Intel Corporation PD6710 Datasheet HTML 83Page - Intel Corporation PD6710 Datasheet HTML 84Page - Intel Corporation PD6710 Datasheet HTML 85Page - Intel Corporation PD6710 Datasheet HTML 86Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 138 page
background image
PD6710/’22 — ISA-to-PC-Card (PCMCIA) Controllers
82
Datasheet
10.7.5
External Data (PD6722 only, Socket A, Index 6Fh)
Bits 7:0 — External Data
This register is updated and accessed according to the setting of bits 3 and 4 of the Socket B
Extension Control 2 register (Index 6Fh, Extended Index 0Bh).
Note:
For software compatibility of external data access accross the PC Card (PCMCIA) controller
product line, the Socket B External Data register should only be used as a read port and not as a
write port. Also for compatibility, only the lower nibble of External Data should be accessed and
the upper nibble should be ignored. For software compatibility with VS1# and VS2# detection
software, when Socket B is used as a read port, socket VS1# and VS2# signals should be connected
to the external read buffer as shown in Figure 15 on page 96.
Refer to “Using GPSTB Pins for External Port Control (PD6722 only)” on page 91 for more
information on the use of the External Data register, and “VS1# and VS2# Voltage Detection” on
page 95 for more information on VS1# and VS2# detection.
Register Name: External Data
Index: 6Fh only
Extended Index: 0Ah
Register Per: socket
Register Compatibility Type: ext.
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0
External Data
7
External Data
6
External Data
5
External Data
4
External Data
3 or
B_VS2# Input
External Data
2 or
B_VS1# Input
External Data
1 or
A_VS2# Input
External Data
0 or
A_VS1# Input
RW:0
RW:0
RW:0
RW:0
R:0
R:0
R:0
R:0
Table 16. Functions of Socket B External Data Register (PD6722 only)
Socket B Extension Control 2
Function of Socket B External Data Register
Bit 4: GPSTB
on IOW*
Bit 3: GPSTB
on IOR*
00
Bits 7:4 — scratchpad
Bits 3:2 — Socket B VS2# and VS1# levels (PD6722 only)
Bits 1:0 — Socket A VS2# and VS1# levels
01
External read port: B_GPSTB is a read buffer enable for external data on
SD[15:8].
10
External write port: B_GPSTB is a write latch enable for SD[15:8] to get
latched to an external register. Reads of Socket B External Data register
produce the value written to the latch.
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com