Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 94 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 94 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 90Page - Intel Corporation PD6710 Datasheet HTML 91Page - Intel Corporation PD6710 Datasheet HTML 92Page - Intel Corporation PD6710 Datasheet HTML 93Page - Intel Corporation PD6710 Datasheet HTML 94Page - Intel Corporation PD6710 Datasheet HTML 95Page - Intel Corporation PD6710 Datasheet HTML 96Page - Intel Corporation PD6710 Datasheet HTML 97Page - Intel Corporation PD6710 Datasheet HTML 98Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 138 page
background image
PD6710/’22 — ISA-to-PC-Card (PCMCIA) Controllers
94
Datasheet
In this mode, Extension Control 2 register bit 3 is set to ‘1’, enabling the respective GPSTB pin to
function as a read strobe. Reads from the corresponding extended index 0Ah cause GPSTB to go
active (default active level is low) for the duration of the system’s IOR* pulse.
Note:
Data is still written to the shadowed External Data register on writes to Extended Index 0Ah but is
not visible.
13.3
GPSTB in Suspend Mode
GPSTB read and write strobes operate while the device is in suspend mode, but they are not
allowed when the device is in hardware-assisted ‘Super-Suspend’ mode (AEN held high while in
Suspend mode).
A clock to the PD6722 is not required for the external signal at GPSTB to occur, but shadowing of
write values in the internal register at Extended Index 0Ah requires that the PD67XX is not in
Suspend mode so there is an active internal clock for register writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com