Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 55 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 55 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 51Page - Intel Corporation PD6710 Datasheet HTML 52Page - Intel Corporation PD6710 Datasheet HTML 53Page - Intel Corporation PD6710 Datasheet HTML 54Page - Intel Corporation PD6710 Datasheet HTML 55Page - Intel Corporation PD6710 Datasheet HTML 56Page - Intel Corporation PD6710 Datasheet HTML 57Page - Intel Corporation PD6710 Datasheet HTML 58Page - Intel Corporation PD6710 Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 138 page
background image
ISA-to-PC-Card (PCMCIA) Controllers — PD6710/’22
Datasheet
55
Bit 3 — Card Detect Enable
When this bit is ‘1’, a management interrupt will occur when the Card Status Change register’s
Card Detect Change bit (see “Bit 3 — Card Detect Change” on page 53) is ‘1’.
Bits 7:4 — Management IRQ Select
These bits determine which interrupt pin will be used for card status change management
interrupts.
7.7
Mapping Enable
0
Card Detect Change management interrupt disabled.
1
If Card Detect Change is ‘1’, a management interrupt will occur.
0000
IRQ disabled
0001
Reserved
0010
Reserved
0011
IRQ 3
0100
IRQ 4
0101
IRQ 5
0110
Reserved
0111
IRQ 7
1000
Reserved
1001
IRQ 9 (On the PD6722, this output may alternately be used as an ISA bus DACK* signal)
1010
IRQ 10 (On the PD6722, this output may alternately be used as an ISA bus DRQ signal)
1011
IRQ 11
1100
IRQ 12 (This output may alternately be used for LED)
1101
Reserved
1110
IRQ 14
1111
IRQ 15 (This output may alternately be used for ring indicate)
Register Name: Mapping Enable
Index: 06h
Register Per: socket
Register Compatibility Type: 365
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
I/O Map 1
Enable
I/O Map 0
Enable
MEMCS16
Full Decode
Memory Map
4 Enable
Memory Map
3 Enable
Memory Map
2 Enable
Memory Map
1 Enable
Memory Map
0 Enable
RW:0
RW:0
RW:0
RW:0
RW:0
RW:0
RW:0
RW:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com