Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 46 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 46 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 42Page - Intel Corporation PD6710 Datasheet HTML 43Page - Intel Corporation PD6710 Datasheet HTML 44Page - Intel Corporation PD6710 Datasheet HTML 45Page - Intel Corporation PD6710 Datasheet HTML 46Page - Intel Corporation PD6710 Datasheet HTML 47Page - Intel Corporation PD6710 Datasheet HTML 48Page - Intel Corporation PD6710 Datasheet HTML 49Page - Intel Corporation PD6710 Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 138 page
background image
PD6710/’22 — ISA-to-PC-Card (PCMCIA) Controllers
46
Datasheet
7.0
Chip Control Registers
7.1
Chip Revision
Bits 3:0 — Revision
This field indicates compatibility with the 82365SL A-step.
Bits 7:6 — Interface ID
These bits identify what type of interface this controller supports.
Register Name: Chip Revision
Index: 00h
Register Per: chip
Register Compatibility Type: 365
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Interface ID
Revision
R:10
R:0
R:0
R:00101
1. Value for the current stepping only.
00
I/O only.
01
Memory only.
10
Memory and I/O.
11
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com