Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 28 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 28 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 24Page - Intel Corporation PD6710 Datasheet HTML 25Page - Intel Corporation PD6710 Datasheet HTML 26Page - Intel Corporation PD6710 Datasheet HTML 27Page - Intel Corporation PD6710 Datasheet HTML 28Page - Intel Corporation PD6710 Datasheet HTML 29Page - Intel Corporation PD6710 Datasheet HTML 30Page - Intel Corporation PD6710 Datasheet HTML 31Page - Intel Corporation PD6710 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 138 page
background image
PD6710/’22 — ISA-to-PC-Card (PCMCIA) Controllers
28
Datasheet
Having five memory windows per socket allows a memory-type card to be accessed through four
memory windows programmed for common memory access (allowing PC-type expanded-
memory-style management), leaving the fifth memory window available to be programmed to
access the card’s attribute memory without disrupting the common memory in use.
Each of the five memory windows has several programming options, including:
Each of the two I/O windows has several programming options, including:
Caution:
The windows of the PD67XX should never be allowed to overlap with each other or the other
devices in the system. This would cause collisions in the IOCS16*, MEMCS16*, IOCHRDY, and
SD[15:0] signals, resulting in erratic behavior.
Memory
Window Option
Description
Enabled
Each of the five memory windows can be individually enabled. Disabled windows are not responded to.
Start Address
The starting address of the window is programmable on 4-Kbyte boundaries starting at 64 Kbytes
(1000h) with a maximum address of 16 Mbyte.
End Address
The ending address of the window is programmable on 4-Kbyte boundaries starting at 64 Kbytes
(1000h) with a maximum address of 16 Mbyte. Only memory accesses between the starting and ending
address are responded to.
Offset Address
The offset address is added to the ISA address to determine the address for accessing the PC Card.
This allows the addresses in the PC Card address space to be different from the ISA address space.
Data Size
The size of accesses can be set manually to either 8 or 16 bits.
Timing
The timing of accesses (Setup/Command/Recovery) can be set by either of two timing register sets:
Timer Set 0 or Timer Set 1.
Register Access
Setting
The -REG pin can be enabled on a per-window basis so that any of the windows can be used for
accessing attribute memory.
Write Protect
If the window is programmed to be write-protected, then writes to the memory window are ignored (reads
are still performed normally).
I/O
Window Option
Description
Enabled
Each of the two I/O windows can be individually enabled.
Start Address
The starting address of the window is programmable on single-byte boundaries from 0 to 64 Kbytes.
End Address
The ending address of the window is also programmable on single-byte boundaries from 0 to 64 Kbytes.
Offset Address
The offset address is added to the ISA address to determine the address for accessing the PC Card.
Auto Size
The size of accesses can be set automatically, based on the PC Card -IOIS16 signal.
Data Size
The size of accesses can be set manually to either 8 or 16 bits, overriding the Auto Size option.
Timing
The timing of accesses (Setup/Command/Recovery) can be set by either of two timing register sets:
Timer Set 0 or Timer Set 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com