| Electronic Components Datasheet Search |
|
PD6710 Datasheet(PDF) 30 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PD6710 Datasheet(HTML) 30 Page - Intel Corporation |
|
30 / 138 page ![]() PD6710/’22 — ISA-to-PC-Card (PCMCIA) Controllers 30 Datasheet 4.1.3 PD67XX Functional Blocks 4.1.4 Interrupts The PD67XX provides ten interrupt pins that are labeled with names suggesting their mapping in the system, though there are no hard requirements specifying the exact mapping. Typically, all ten interrupt pins should be connected to system interrupt signals to allow maximum flexibility in programming interrupt routing from the PD67XX. Classes of Interrupts The PD67XX supports two classes of interrupts: • Socket or card interrupts initiated by the PC Card activating its RDY/-IREQ signal • Management interrupts triggered by changes in PC Card status, including: — Card insertion or removal — Battery warning indicator (BVD2) change on a memory-type card — Battery dead indicator (BVD1) or I/O-type card status change (-STSCHG) — Ready (RDY) status change on a memory-type card Either class of interrupts can be routed to any of the ten interrupt pins on the PD67XX. Figure 7. Functional Block Diagram Operation Registers Mapper and Offset Socket Socket Write FIFO Power Control Interrupt Control Synthe- Bus Interface Unit sizer Per Chip Per Socket Control Data Address VCC Control VPP Control Control Address Data Clock INTR IRQs Bus Control Timing Control -WAIT WP/-IOIS16 CD1, CD2 RDY/-IREQ BVD, -STSCHG |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |