Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 79 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 79 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 75Page - Intel Corporation PD6710 Datasheet HTML 76Page - Intel Corporation PD6710 Datasheet HTML 77Page - Intel Corporation PD6710 Datasheet HTML 78Page - Intel Corporation PD6710 Datasheet HTML 79Page - Intel Corporation PD6710 Datasheet HTML 80Page - Intel Corporation PD6710 Datasheet HTML 81Page - Intel Corporation PD6710 Datasheet HTML 82Page - Intel Corporation PD6710 Datasheet HTML 83Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 138 page
background image
ISA-to-PC-Card (PCMCIA) Controllers — PD6710/’22
Datasheet
79
Bit 2 — LED Activity Enable
This bit allows the LED_OUT* pin to reflect any activity in the card. Whenever PC Card cycles are
in process to or from a card in either socket, LED_OUT* will be active (low).
Bit 5 — Pull-up Control
This bit turns off the pull-ups on CD2, CD1, and A_GPSTB and B_GPSTB (PD6722). Turning off
these pull-ups can be used in addition to Suspend mode to even further reduce power when cards
are inserted but no card accessibility is required. Even though power may or may not still be
applied, all pull-ups and their associated inputs will be disabled.
Bit 7:6 — DMA Enable (PD6722 only)
On the PD6722, DMA Enable bits 6 and 7 enable the DMA operation of the PC Card socket. At
reset these bits are set to ‘0’, and this is non-DMA mode. If either or both of these bits is set, the
socket is in DMA mode. The three codes that cause DMA mode also select the use of one of three
pins for the active-low -DREQ input at the PC Card interface.
For cards requiring DMA services but also needing input acknowledge functionality, or needing to
indicate the size of I/O registers within a window, or needing digital speaker or LED operation, the
selection of the -DREQ signal to the socket is made to be as flexible as possible.
10.7.3
Maximum DMA Acknowledge Delay (PD6722 only)
0
LED activity disabled.
1
LED activity enabled.
0
Pull-ups on CD2, CD1, A_GPSTB, and B_GPSTB (PD6722) are in use.
1
Pull-ups on CD2, CD1, A_GPSTB, and B_GPSTB (PD6722) are turned off.
Bit 7
Bit 6
Pin Used
01
-INPACK
1
0
WP/-IOIS16
1
1
BVD2/-SPKR
Register Name: Maximum DMA
Acknowledge Delay
Index: 2Fh
Extended Index: 04h
Register Per: socket
Register Compatibility Type: ext.
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Maximum DMA Acknowledge Delay
RW:00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com