Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 22 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 22 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 18Page - Intel Corporation PD6710 Datasheet HTML 19Page - Intel Corporation PD6710 Datasheet HTML 20Page - Intel Corporation PD6710 Datasheet HTML 21Page - Intel Corporation PD6710 Datasheet HTML 22Page - Intel Corporation PD6710 Datasheet HTML 23Page - Intel Corporation PD6710 Datasheet HTML 24Page - Intel Corporation PD6710 Datasheet HTML 25Page - Intel Corporation PD6710 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 138 page
background image
PD6710/’22 — ISA-to-PC-Card (PCMCIA) Controllers
22
Datasheet
-CD[2:1]
Card Detect: These inputs indicate to
the PD67XX the presence of a card in
the socket. They are pulled high
internally in the chip.
70, 10
69, 10
132, 73
2
I-PU
1
–
-CE[2:1]
Card Enable: These outputs are driven
low by the PD67XX during card access
cycles to control byte/word card
access. -CE1 enables even-numbered
address bytes and -CE2 enables odd-
numbered address bytes. When
configured for 8-bit cards, only -CE1 will
be active and A0 will be set to ‘1’ for
odd-byte accesses.
25, 22
22, 19
86, 83
2
O-TS
2 or 3
2 mA
RESET
Reset: This output will be high to reset
the card and low for normal operation.
To reduce power consumption of idle
cards and to prevent reset glitches to a
card, this signal is high-impedance
unless a card is fully seated in the
socket and card interface signals are
enabled.
51
51
114
1
O-TS
2 or 3
2 mA
Table 2.
Socket Interface Pins (Sheet 3 of 4)
Pin Name1
Description2
Pin Number
Qty.
I/O
Pwr.
Drive
PD6710
PD6722
Socket A
Socket B
1. 1To differentiate the sockets, all PD6722 pin names have either A_ or B_ prepended to the pin names indicated. For example,
A_A[25:0] and B_A[25:0] are the independent address buses to the sockets.
2. 2When a socket is configured as an ATA drive interface, socket interface pin functions change. See Table 17 on page 88.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com