Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 84 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 84 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 80Page - Intel Corporation PD6710 Datasheet HTML 81Page - Intel Corporation PD6710 Datasheet HTML 82Page - Intel Corporation PD6710 Datasheet HTML 83Page - Intel Corporation PD6710 Datasheet HTML 84Page - Intel Corporation PD6710 Datasheet HTML 85Page - Intel Corporation PD6710 Datasheet HTML 86Page - Intel Corporation PD6710 Datasheet HTML 87Page - Intel Corporation PD6710 Datasheet HTML 88Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 138 page
background image
PD6710/’22 — ISA-to-PC-Card (PCMCIA) Controllers
84
Datasheet
11.0
Timing Registers
The following information about the timing registers is important:
• All timing registers take effect immediately and should only be changed when the FIFO is
empty (see the FIFO Control register on “FIFO Control” on page 72).
• Selection of Timing 0 or Timing 1 register sets is controlled by I/O Window Control, bit 3
and/or bit 7 (see “I/O Window Control” on page 58).
11.1
Setup Timing 0–1
There are two separate Setup Timing registers, each with identical fields. These registers are
located at the following indexes:
Index
Setup Timing
3Ah
Setup Timing 0
3Dh
Setup Timing 1
The Setup Timing register for each timing set controls how long a PC Card cycle’s command (that
is, -OE, -WE, -IORD, -IOWR; see Table 2 on page 20) setup will be, in terms of the number of
internal clock cycles.
The overall command setup number of clocks S is programmed by selecting a 2-bit prescaling
value (bits 7:6 of this register) representing weights of 1, 16, 256, or 8192, and then selecting a
multiplier value (bits 5:0) to which that prescalar is multiplied to produce the overall command
setup timing length according to the following formula:
S = (Npres × Nval) + 1
The value of S, representing the number of internal clock cycles for command setup, is then
multiplied by the internal clock’s period to determine the command setup time (see “PC Card Bus
Timing Calculations” on page 109 for further discussion).
Bits 5:0 — Setup Multiplier Value
This field indicates an integer value Nval from 0 to 63; it is combined with a prescalar value (bits
7:6) to control the length of setup time before a command becomes active.
Register Name: Setup Timing 0–1
Index: 3Ah, 3Dh
Register Per: socket
Register Compatibility Type: 365
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Setup Prescalar Select
Setup Multiplier Value
RW:00
RW:000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com