Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 34 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 34 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 30Page - Intel Corporation PD6710 Datasheet HTML 31Page - Intel Corporation PD6710 Datasheet HTML 32Page - Intel Corporation PD6710 Datasheet HTML 33Page - Intel Corporation PD6710 Datasheet HTML 34Page - Intel Corporation PD6710 Datasheet HTML 35Page - Intel Corporation PD6710 Datasheet HTML 36Page - Intel Corporation PD6710 Datasheet HTML 37Page - Intel Corporation PD6710 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 138 page
background image
PD6710/’22 — ISA-to-PC-Card (PCMCIA) Controllers
34
Datasheet
4.1.9
Socket Power Management Features
Card Removal
When a card is removed from a socket, the PD67XX by default automatically disables the VCC and
VPP supplies to the socket. If Extension Control 1 register bit 1 is ‘0’, card power is prevented
from being automatically disabled when a card is removed. The PD67XX can also be configured to
have management interrupts notify software of card removal.
Card Insertion
Power to the socket is off at reset and whenever there is no card in a socket. When a card is
detected (card detect input pins, -CD1 and -CD2, to the PD67XX become asserted low), two
independent actions can be programmed to occur.
If the PD67XX has been set for automatic power-on (Power Control register bits 4 and 5 are both
‘1’), the PD67XX automatically enables the socket VCC supply (and, if so programmed, the VPP
supply).
If the PD67XX has been programmed to cause management interrupts for card-detection events,
assertion of -CD1 and -CD2 to the PD67XX causes a management interrupt to inform system
software that a card was inserted. In the case of manual power detection (Power Control register
Table 8.
PD67XX Power-Management Modes
Mode Name
PWRGOOD
Level
AEN
Misc Control 2 Register
Functionality
Typical Power
Consumption
(CORE_VDD =
3.3 V,
ISA_VCC,
SOCKET_VCC, and
+5V = 5.0 V)
Suspend
Mode
(Bit 2)
Low-Power
Dynamic
Mode
(Bit 1)
Low-Power
Dynamic
(Default)
High
Normal
0
1
Full functionality
< 45 mW high activity,
9–14 mW normal
system activity
Normal
High
Normal
0
0
Full functionality
< 85 mW high activity,
18 mW normal
system activity
Suspend
(Software
Controlled)
High
Normal
1
–
8-bit access to Misc
Control 2 register.
No other register
access. No card in
socket(s).
< 2 mW
Super-Suspend
(Hardware
Controlled)
High
Static
High
1
–
No register access.
No card in socket(s).
System bus signals
disabled (clock off).
< 1 mW
Reset
Low1
––
–
No register access.
No card in socket(s).
System bus signals
disabled.
9–14 mW
1. IOR*, IOW*, MEMR*, and MEMW* must be held high when PWRGOOD is low to prevent manufacturing test mode outputs
from driving the system data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com