Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 9 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 9 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 5Page - Intel Corporation PD6710 Datasheet HTML 6Page - Intel Corporation PD6710 Datasheet HTML 7Page - Intel Corporation PD6710 Datasheet HTML 8Page - Intel Corporation PD6710 Datasheet HTML 9Page - Intel Corporation PD6710 Datasheet HTML 10Page - Intel Corporation PD6710 Datasheet HTML 11Page - Intel Corporation PD6710 Datasheet HTML 12Page - Intel Corporation PD6710 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 138 page
background image
ISA-to-PC-Card (PCMCIA) Controllers — PD6710/’22
Datasheet
9
1.0
Product Features
• Single-chip PC Card (PCMCIA) controllers
• Direct connection to ISA (PC AT) bus and one or two PC Card sockets
• Compliant with PC Card Standard, PCMCIA 2.1, and JEIDA 4.1
• 82365SL-compatible register set,
ExCA
-compatible
• Automatic Low-Power Dynamic mode for lowest active power consumption
• Programmable Suspend mode
• Hardware-enabled Super Suspend mode
• Five programmable memory windows per socket and two programmable I/O windows per
socket
• Programmable card access cycle timing
• 8- or 16-bit system bus interface
• 8- and 16-bit PC Card interface support
• PCMCIA-ATA and ture-IDE disk interface support
• DMA support (PD6722)
• Card-voltage sense support
• PC Card activity indicator
• Mixed-voltage operation (3.3/5.0 V)
• Single-socket interface: 144-pin LQFP for smallest form factor (PD6710)
• Dual-socket interface: 208-pin MQFP or LQFP (PD6722)
Embedded and Mobile Systems Design Priorities
Supporting Features
•
Small Form Factor
•
Single-chip solutions
•
No external buffers for host or socket
•
Efficient board layout
•
Minimum Power Consumption
•
Automatic Low-Power Dynamic mode
•
Hardware- and software-controlled Suspend
modes
•
Mixed-voltage operation
•
High Performance
•
Write cache
•
Programmable timing supports more cards,
faster reads and writes
•
Automatic bus sizing for 8- or 16-bit
•
DMA available with the PD6722
•
Hardware and Software Compatibility
•
Compliant with PC Card Standard, PCMCIA 2.1,
and JEIDA 4.1
•
82365SL A-step register-compatible,
ExCA
-compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com