Electronic Components Datasheet Search
  English  ▼

X  

PD6710 Datasheet(PDF) 53 Page - Intel Corporation

Part # PD6710
Description  ISA-to-PC-Card (PCMCIA) Controllers
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PD6710 Datasheet(HTML) 53 Page - Intel Corporation

Back Button PD6710 Datasheet HTML 49Page - Intel Corporation PD6710 Datasheet HTML 50Page - Intel Corporation PD6710 Datasheet HTML 51Page - Intel Corporation PD6710 Datasheet HTML 52Page - Intel Corporation PD6710 Datasheet HTML 53Page - Intel Corporation PD6710 Datasheet HTML 54Page - Intel Corporation PD6710 Datasheet HTML 55Page - Intel Corporation PD6710 Datasheet HTML 56Page - Intel Corporation PD6710 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 138 page
background image
ISA-to-PC-Card (PCMCIA) Controllers — PD6710/’22
Datasheet
53
Bit 0 — Battery Dead Or Status Change
When the socket is configured for memory card support, this bit is set to ‘1’ when a BVD1 battery
dead high-to-low transition has been detected. When the socket is configured for I/O card support,
this bit is set to ‘1’ when the BVD1/-STSCHG pin (see Table 2 on page 20) changes from either
high to low or low to high. This bit is reset to ‘0’ whenever this register is read. In I/O Card
Interface mode, function of this bit is not affected by bit 7 of the Interrupt and General Control
register.
Bit 1 — Battery Warning Change
When a socket is configured for memory card support, this bit is set to ‘1’ when a high-to-low
transition on BVD2 occurs indicating a battery warning was detected. This bit should be ignored
when the socket is configured for I/O card support. This bit is reset to ‘0’ whenever this register is
read.
Bit 2 — Ready Change
When this bit is ‘1’, a change has occurred in the card RDY/-IREQ pin (see Table 2 on page 20).
This bit will always read 0 when the card is configured as an I/O card. This bit is reset to ‘0’
whenever this register is read.
Bit 3 — Card Detect Change
When this bit is ‘1’, a change has occurred on the -CD1 or -CD2 pins (see Table 2 on page 20).
This bit is reset to ‘0’ whenever this register is read.
0
A transition (from high to low for memory card support or either high to low or low to high for I/O
card support) on the BVD1/-STSCHG pin has not occurred since this register was last read.
1
A transition on the BVD1/-STSCHG pin has occurred.
0
A transition (from high to low) on the BVD2 pin has not occurred since this register was last
read.
1
A transition on the BVD2 pin has occurred.
0
A transition on the RDY/-IREQ pin has not occurred since this register was last read.
1
A transition on the RDY/-IREQ pin has occurred.
0
A transition on the -CD1 or -CD2 pins has not occurred since this register was last read.
1
A transition on the -CD1 or -CD2 pins has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com