Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 165 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 165 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 161Page - NXP Semiconductors RT600 Datasheet HTML 162Page - NXP Semiconductors RT600 Datasheet HTML 163Page - NXP Semiconductors RT600 Datasheet HTML 164Page - NXP Semiconductors RT600 Datasheet HTML 165Page - NXP Semiconductors RT600 Datasheet HTML 166Page - NXP Semiconductors RT600 Datasheet HTML 167Page - NXP Semiconductors RT600 Datasheet HTML 168Page - NXP Semiconductors RT600 Datasheet HTML 169Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
165 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
• Voltage level changed from VDDA_ADC1V8 to VDDA_ADC1V8 in Section 10.20.1.1
“Features”.
• VDDA_1V8 symbol replaced with VDDA_ADC1V8 in Table 20 “General operating
conditions”, Table 21 “General operating conditions”, and Table 55 “12-bit ADC static
characteristics”.
• Updated footnote to read “For SDK version 2.8 and before (SDK Power Library version
= 0x020200): The maximum frequency for the specified VDDCORE voltage is the
frequency of the main clock. This is before the CPU CLOCK Divider. The VDDCORE
voltage has to be set according to the chosen main clock frequency. For SDK version
2.8.3 and after (SDK Power Library version = 0x02030): The maximum frequency for
the specified VDDCORE voltage is the frequency of the clock after CPU CLOCK and
DSP clock Divider. The VDDCORE voltage has to be set according to the chosen M33
CPU and DSP CPU clock frequency.” in Table 20 “General operating conditions”, Table
21 “General operating conditions”, Table 23 “CoreMark score”, Table 24 “Static
characteristics: Power consumption in active mode”, Table 25 “Static characteristics:
Power consumption in active mode”, and Table 26 “Static characteristics: Power
consumption in active mode”.
• Symbol IVDDA_1V8 replaced with IVDDA_ADC1V8 in Table 28 “Static characteristics:
Power consumption in deep-sleep mode[4]” and Table 29 “Static characteristics:
Power consumption in deep power-down mode and full deep power-down modes”.
• I2C Fall time in Table 30 “Static characteristics: pin characteristics” updated to read
Fall Time, and also removed Standard mode/ Fast mode from fall time parameter
column.
• Value of VDDIO_x changed from 1.89 V to 3.6 V in Table 41 “Dynamic characteristics:
I2S-bus interface pins [1][3]”, Table 42 “USART dynamic characteristics[1]”, Table 43
“SPI dynamic characteristics[1]”, Table 44 “High -Speed SPI dynamic
characteristics[1]”, and Table 50 “Dynamic characteristics[1]”.
RT600 v.1.7
20210120
Product data sheet
02101004I
1.6
Modifications:
• Updated Table 20 “General operating conditions”.
RT600 v.1.6
20201217
Product data sheet
-
1.5
Modifications:
• Section 13.2 “Power Sequencing” was updated.
RT600 v.1.5
20201015
Product data sheet
-
1.4
Modifications:
• Updated Table 20 “General operating conditions” and Table 21 “General operating
conditions” to align with SDK version 2.8.3 and after (SDK Power Library version =
0x020300).
RT600 v.1.4
20200821
Product data sheet
-
1.3
Modifications:
• Updated Section 14.13 “FlexSPI flash interface”.
RT600 v.1.3
20200710
Product data sheet
-
1.2
Modifications:
Various improvements including updated clock generation diagrams, updated Section 16.4
“RTC oscillator” and Section 16.5 “XTAL oscillator”.
• Extended temperature to +85
• Updated IRC (48 MHz/60 MHz and 16 MHz) spec
• Updated General operating conditions section
• Updated FlexSPI flash interface specification table
RT600 v.1.2
20200511
Product data sheet
-
1.1
Table 60. Revision history …continued
Document ID
Release date Data sheet status
Change notice Supersedes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com