Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 15Page - NXP Semiconductors RT600 Datasheet HTML 16Page - NXP Semiconductors RT600 Datasheet HTML 17Page - NXP Semiconductors RT600 Datasheet HTML 18Page - NXP Semiconductors RT600 Datasheet HTML 19Page - NXP Semiconductors RT600 Datasheet HTML 20Page - NXP Semiconductors RT600 Datasheet HTML 21Page - NXP Semiconductors RT600 Datasheet HTML 22Page - NXP Semiconductors RT600 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
19 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
PIO0_10/
TDI
E2
J3
L16
Z I/O 0
PIO0_10 — General-purpose digital input/output pin. In
boundary scan mode: TDI (Test Data In).
I/O 1
FC1_CTS_SDA_SSEL0 — Flexcomm 1: USART
clear-to-send, I2C data I/O, SPI Slave Select 0.
I
2
SCT0_GPI7 — Pin input 7 to SCTimer/PWM.
O
3
SCT0_OUT7 — SCTimer/PWM output 7.
O
4
CTIMER1_MAT3 — 32-bit CTimer1 match output 3.
I/O 5
FC0_SSEL2 — Flexcomm 0: SPI slave select 2.
6
R — Reserved.
7
R — Reserved.
I/O 8
SEC_PIO0_10 — Secure GPIO pin.
PIO0_11/
TDO
E1
L1
K13
Z I/O 0
PIO0_11 — General-purpose digital input/output pin. In
boundary scan mode: TDO (Test Data Out).
I/O 1
FC1_RTS_SCL_SSEL1 — Flexcomm 1: USART
request-to-send, I2C clock, SPI slave select 1.
I
2
SCT0_GPI0 — Pin input 0 to SCTimer/PWM.
O
3
SCT0_OUT8 — SCTimer/PWM output 8.
I
4
CTIMER_INP2 — Capture input 2 to CTIMER input muxes.
I/O 5
FC0_SSEL3 — Flexcomm 0: SPI slave select 3.
6
R — Reserved.
7
R — Reserved.
I/O 8
SEC_PIO0_11 — Secure GPIO pin.
PIO0_12/
CH1A
K1
E3
F15
Z I/O;
AI
0
PIO0_12/CH1A — General-purpose digital input/output pin.
Analog input 1A. Can optionally be paired with CH1B for
differential input on ADC channel 1.
I/O 1
FC1_SSEL2 — Flexcomm 1: SPI slave select 2.
I
2
SCT0_GPI2 — Pin input 2 to SCTimer/PWM.
O
3
SCT0_OUT2 — SCTimer/PWM output 2.
I
4
CTIMER_INP3 — Capture input 3 to CTIMER input muxes.
5
R — Reserved.
6
R — Reserved.
7
R — Reserved.
I/O 8
SEC_PIO0_12 — Secure GPIO pin.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com