Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 36Page - NXP Semiconductors RT600 Datasheet HTML 37Page - NXP Semiconductors RT600 Datasheet HTML 38Page - NXP Semiconductors RT600 Datasheet HTML 39Page - NXP Semiconductors RT600 Datasheet HTML 40Page - NXP Semiconductors RT600 Datasheet HTML 41Page - NXP Semiconductors RT600 Datasheet HTML 42Page - NXP Semiconductors RT600 Datasheet HTML 43Page - NXP Semiconductors RT600 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
40 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
PIO3_15
-
-
E9
Z I/O 0
PIO3_15 — General-purpose digital input/output pin.
I/O 1
SD1_D[4] — SD/MMC1 interface data 4.
2
R — Reserved.
3
R — Reserved.
O
4
CTIMER3_MAT1 — 32-bit CTimer3 match output 1.
I/O 5
FC5_SCK — Flexcomm 5: USART, SPI, or I2S clock.
PIO3_16
-
-
E6
Z I/O 0
PIO3_16 — General-purpose digital input/output pin.
I/O 1
SD1_D[5] — SD/MMC1 interface data 5.
2
R — Reserved.
3
R — Reserved.
O
4
CTIMER3_MAT2 — 32-bit CTimer3 match output 2.
I/O 5
FC5_TXD_SCL_MISO_WS — Flexcomm 5: USART
transmitter, I2C clock, SPI master-in/slave-out data I/O, I2S
word select/frame.
PIO3_17
-
-
E5
Z I/O 0
PIO3_17 — General-purpose digital input/output pin.
I/O 1
SD1_D[6] — SD/MMC1 interface data 6.
2
R — Reserved.
3
R — Reserved.
O
4
CTIMER3_MAT3 — 32-bit CTimer3 match output 3.
I/O 5
FC5_RXD_SDA_MOSI_DATA — Flexcomm 5: USART
receiver, I2C data I/O, SPI master-out/slave-in data, I2S data
I/O
PIO3_18
-
-
D1
Z I/O 0
PIO3_18 — General-purpose digital input/output pin.
I/O 1
SD1_D[7] — SD/MMC1 interface data 7.
2
R — Reserved.
3
R — Reserved.
O
4
CTIMER4_MAT0 — 32-bit CTimer4 match output 0.
I/O 5
FC5_CTS_SDA_SSEL0 — Flexcomm 5: USART
clear-to-send, I2C data I/O, SPI Slave Select 0.
PIO3_19
-
-
D2
Z I/O 0
PIO3_19 — General-purpose digital input/output pin.
I
1
SD1_CARD_DET_N — SD/MMC 1 card detect (active low).
2
R — Reserved.
3
R — Reserved.
O
4
CTIMER4_MAT1 — 32-bit CTimer4 match output 1.
I/O 5
MCLK — MCLK input or output for I2S and/or digital
microphone.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com