Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 39Page - NXP Semiconductors RT600 Datasheet HTML 40Page - NXP Semiconductors RT600 Datasheet HTML 41Page - NXP Semiconductors RT600 Datasheet HTML 42Page - NXP Semiconductors RT600 Datasheet HTML 43Page - NXP Semiconductors RT600 Datasheet HTML 44Page - NXP Semiconductors RT600 Datasheet HTML 45Page - NXP Semiconductors RT600 Datasheet HTML 46Page - NXP Semiconductors RT600 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
43 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
PIO4_2
-
-
T16
Z I/O 0
PIO4_2 — General-purpose digital input/output pin.
I/O 1
FC7_RXD_SDA_MOSI_DATA — Flexcomm 7: USART
receiver, I2C data I/O, SPI master-out/slave-in data, I2S data
I/O.
PIO4_3
-
-
T3
Z I/O 0
PIO4_3 — General-purpose digital input/output pin.
I/O 1
FC7_CTS_SDA_SSEL0 — Flexcomm 7: USART
clear-to-send, I2C data I/O, SPI Slave Select 0.
PIO4_4
-
-
R2
Z I/O 0
PIO4_4 — General-purpose digital input/output pin.
I/O 1
FC7_RTS_SCL_SSEL1 — Flexcomm 7: USART
request-to-send, I2C clock, SPI slave select 1.
PIO4_5
-
-
P1
Z I/O 0
PIO4_5 — General-purpose digital input/output pin.
I/O 1
FC7_SSEL2 — Flexcomm 7: SPI slave select 2.
PIO4_6
-
-
P2
Z I/O 0
PIO4_6 — General-purpose digital input/output pin.
I/O 1
FC7_SSEL3 — Flexcomm 7: SPI slave select 3.
PIO4_7
-
-
P3
Z I/O 0
PIO4_7 — General-purpose digital input/output pin.
I/O 1
MCLK — MCLK input or output for I2S and/or digital
microphone.
PIO4_8
-
-
R4
Z I/O 0
PIO4_8 — General-purpose digital input/output pin.
1
R — Reserved.
2
R — Reserved.
3
R — Reserved.
4
R — Reserved.
I/O 5
FC2_CTS_SDA_SSEL0 — Flexcomm 2: USART
clear-to-send, I2C data I/O, SPI Slave Select 0.
6
R — Reserved.
O
7
CMP0_OUT — Analog comparator 0 output.
PIO4_9
-
-
R5
Z I/O 0
PIO4_9 — General-purpose digital input/output pin.
1
R — Reserved.
2
R — Reserved.
3
R — Reserved.
4
R — Reserved.
5
R — Reserved.
O
6
GPIO_INT_BMAT — Output of the pin interrupt pattern
match engine.
PIO4_10
-
-
R6
Z I/O 0
PIO4_10 — General-purpose digital input/output pin.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com