Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 47Page - NXP Semiconductors RT600 Datasheet HTML 48Page - NXP Semiconductors RT600 Datasheet HTML 49Page - NXP Semiconductors RT600 Datasheet HTML 50Page - NXP Semiconductors RT600 Datasheet HTML 51Page - NXP Semiconductors RT600 Datasheet HTML 52Page - NXP Semiconductors RT600 Datasheet HTML 53Page - NXP Semiconductors RT600 Datasheet HTML 54Page - NXP Semiconductors RT600 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
51 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
9. Termination of unused pins
Table 6 shows how to terminate pins that are
not used in the application. In many cases,
unused pins can be left unconnected since pins are default high Z state (input buffer
disabled).
[1] Z = High impedance; I = Input; O = Output
9.0.1 Pin states in different power modes
[1] Default and programmed pin states are retained in sleep and deep-sleep.
Table 6.
Termination of unused pins
Pin
Default state[1] Recommended termination of unused pins
All PIOn pins
Z
Leave unconnected.
PMIC_I2C_SCL/SDA Z
Leave unconnected.
PMIC_IRQ_N
I; Z
10 kΩ resistor to VDD_AO1V8.
PMIC_MODEn
O
Leave unconnected.
RESETN
I
100 kΩ resistor to VDD_AO1V8.
RTCXIN
I
Connect to ground.
RTCXOUT
-
Leave unconnected.
USB1_DM/DP
-
Leave unconnected.
USB1_VBUS
-
Leave unconnected.
USB1_VDD3V3
-
Leave unconnected.
VDD_AO1V8
-
Connect to 1.8V power.
VDD_1V8
-
Connect to 1.8V power.
VDD_1V8_1
-
Connect to 1.8V power during active. Can be powered off during deep sleep mode
to reduce current consumption by approximately 65 uA.
VDDA_ADC1V8
-
Connect to 1.8V power.
VDDA_BIAS
-
Connect to 1.8 V power.
VREFN
-
Connect to ground.
VREFP
-
Connect to VDDA_ADC1V8
VSSA
-
Connect to ground.
XTALIN
I
Connect to ground.
XTALOUT
-
Leave unconnected.
Table 7.
Pin states in different power modes
Pin
Active
Sleep
Deep-sleep
Deep power-down
All PIOn pins
As configured in IOCON[1]. Default is Z (input, pull-up, and pull-down disable)
PMIC_MODE0/1
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com