Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 33Page - NXP Semiconductors RT600 Datasheet HTML 34Page - NXP Semiconductors RT600 Datasheet HTML 35Page - NXP Semiconductors RT600 Datasheet HTML 36Page - NXP Semiconductors RT600 Datasheet HTML 37Page - NXP Semiconductors RT600 Datasheet HTML 38Page - NXP Semiconductors RT600 Datasheet HTML 39Page - NXP Semiconductors RT600 Datasheet HTML 40Page - NXP Semiconductors RT600 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
37 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
PIO2_31/
CMP0_B
J7
B6
C12
Z I/O;
AI
0
PIO2_31/CMP0_B — General-purpose digital input/output
pin. Analog comparator input B if the DIGIMODE bit is set to 0
and ANAMODE is set to 1 in the IOCON register for this pin.
O
1
I3C0_PUR — Pullup resistor control for I3C master. The
I3C0_PUR function controls the SDA pull-up. It is intended to
be connected to one end of an external low-value pull-up
resistor (e.g. 1KOhm), with the other end connected to the
SDA line. If there is no external high weak bus keeper on
SDA, then add an additional external weak (e.g. 100KR or
even 500KR) always-on pull-up on this line.
O
2
SCT0_OUT7 — SCTimer/PWM output 7.
I
3
UTICK_CAP3 — Micro-tick timer capture input 3.
I
4
CTIMER_INP15 — Capture input 15 to CTIMER input muxes.
O
5
SWO — Serial Wire Debug trace output.
PIO3_0
-
-
D14
Z I/O 0
PIO3_0 — General-purpose digital input/output pin.
O
1
PDM_CLK01 — PDM clock output for DMIC channels 0 and
1.
2
R — Reserved.
3
R — Reserved.
4
R — Reserved.
5
FC0_SCK — Flexcomm 0: USART, SPI, or I2S clock.
PIO3_1
-
-
D15
Z I/O 0
PIO3_1 — General-purpose digital input/output pin.
O
1
PDM_CLK23 — PDM clock output for DMIC channels 2 and
3.
2
R — Reserved.
3
R — Reserved.
4
R — Reserved.
I/O 5
FC0_TXD_SCL_MISO_WS — Flexcomm 0: USART
transmitter, I2C clock, SPI master-in/slave-out data I/O, I2S
word select/frame.
PIO3_2
-
-
D16
Z I/O 0
PIO3_2 — General-purpose digital input/output pin.
O
1
PDM_CLK45 — PDM clock output for DMIC channels 4 and
5.
2
R — Reserved.
3
R — Reserved.
4
R — Reserved.
I/O 5
FC0_RXD_SDA_MOSI_DATA — Flexcomm 0: USART
receiver, I2C data I/O, SPI master-out/slave-in data, I2S data
I/O
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com