Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 5 Page - NXP Semiconductors

  RT600 Datasheet HTML 1Page - NXP Semiconductors RT600 Datasheet HTML 2Page - NXP Semiconductors RT600 Datasheet HTML 3Page - NXP Semiconductors RT600 Datasheet HTML 4Page - NXP Semiconductors RT600 Datasheet HTML 5Page - NXP Semiconductors RT600 Datasheet HTML 6Page - NXP Semiconductors RT600 Datasheet HTML 7Page - NXP Semiconductors RT600 Datasheet HTML 8Page - NXP Semiconductors RT600 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
5 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
AES256 encryption module. The Random Number Generator can be used to
create keys. Key storage is in OTP. The AES supports DMA.
Physical Unclonable Function (PUF) key generation module.
SHA1/SHA2 Secure Hash Algorithm module. Supports secure boot, uses a
dedicated DMA controller.
Cryptography hardware coprocessor attached to Cortex-M33 CPU.
Analog peripherals:
One 12-bit ADC with sampling rates of 1 Msamples/sec and an enhanced ADC
controller. It supports up to 12 single-ended channels or 6 differential channels.
The ADC supports DMA.
Temperature sensor.
Analog comparator.
I/O peripherals:
Up to 147 general purpose I/O (GPIO) pins with configurable pull-up/pull-down
resistors. Ports can be written as words, half-words, bytes, or bits. The number of
GPIOs depends on the device package.
Individual GPIO pins can be used as edge and level sensitive interrupt sources,
each with its own interrupt vector.
All port0 and port1 GPIO pins can contribute to a one of two GPIO interrupts, with
selection of polarity and edge vs level triggering.
A group of up to 8 GPIO pins can be selected for boolean pattern matching, which
can generate interrupts and/or drive a pattern-match output.
Adjustable output drivers.
JTAG boundary scan.
Clock generation unit:
Crystal oscillator with an operating range of 4 MHz to 32 MHz.
Internal 48 or 60 MHz IRC oscillator. Trimmed to  1% accuracy.
Internal 16 MHz IRC oscillator. Trimmed to  3% accuracy.
Internal 1 MHz low-power oscillator with 10% accuracy. Serves as the watchdog
oscillator and clock for the OS Event Timer and the Systick. Also available as the
system clock.
32 kHz real-time clock (RTC) oscillator that can optionally be used as a system
clock.
Selectable on-chip crystal load capacitors for RTC oscillator.
Main System PLL:
- Allows CPU operation up to the maximum rate without the need for a high
frequency crystal. May be run from the 16 MHz IRC, the 48/60 MHz IRC, or the
crystal.
- Second PLL output using an independent fractional divider provides an alternate
high-frequency clock source for the DSP CPU if the required frequency differs from
the main system clock.
- Two additional PLL outputs, each using independent fractional dividers, providing
alternative clock input sources to a number of peripherals.
Audio PLL for the audio subsystem.
480 MHz USB PLL (internal to the USB PHY).
Clock output function with divider that can reflect any of the internal clock sources.
Power control:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com