Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 3 Page - NXP Semiconductors

  RT600 Datasheet HTML 1Page - NXP Semiconductors RT600 Datasheet HTML 2Page - NXP Semiconductors RT600 Datasheet HTML 3Page - NXP Semiconductors RT600 Datasheet HTML 4Page - NXP Semiconductors RT600 Datasheet HTML 5Page - NXP Semiconductors RT600 Datasheet HTML 6Page - NXP Semiconductors RT600 Datasheet HTML 7Page - NXP Semiconductors RT600 Datasheet HTML 8Page - NXP Semiconductors RT600 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
3 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
Two coprocessors for the Cortex-M33: a hardware accelerator for fixed and floating
point DSP functions (PowerQuad) and a Crypto/FFT engine (Casper). The DSP
coprocessor uses a bank of four dedicated 2 KB SRAMs. The Crypto/FFT engine
uses a bank of two 2 KB SRAMs that are also AHB accessible by the CPU and the
DMA engine.
Serial Wire Debug with eight break points, four watch points, and a debug
timestamp counter. It includes Serial Wire Output (SWO) trace and ETM trace.
Cortex-M33 System tick timer.
DSP processor core:
Cadence Xtensa HiFi4 Audio DSP processor, running at frequencies of up to
600 MHz.
Hardware Floating Point Unit. Up to four single-precision IEEE floating point MACs
per cycle.
Serial Wire Debug (shared with Cortex-M33 Control Domain CPU).
System tick timer.
Triple I/O power:
Three independent supplies powering different clusters of pins to permit interfacing
directly to off-chip peripherals operating at different supply levels.
On-chip Memory:
Up to 4.5 MB of system SRAM accessible by both CPUs and all (dedicated and
general purpose) DMA engines.
128 KB of local, Tightly-Coupled Memory dedicated to the DSP CPU.
96 KB (or more) of I & D cache for DSP accesses to shared system SRAM.
Additional SRAMs for USB traffic (8 KB), Cortex-M33 coprocessors (4 x 2 KB),
SDIO FIFOs (2 x 512 B dual-port), PUF secure key generation (2 KB), and FlexSPI
cache (32 KB).
16 K bits of OTP fuses for factory and user configuration.
Up to 256 KB ROM memory for factory-programmed drivers and APIs.
System boot from SPI, I2C, UART, Octal/Quad SPI Flash, HS USB or eMMC via
on-chip bootloader software included in ROM.
Digital peripherals:
Two general purpose DMA engines, each with 32 channels and up to 25
programmable request/trigger sources.
- Can be configured such that one DMA is secure and the other non-secure and/or
one can be designated for use by the M33 CPU and the other by the DSP.
USB high-speed host/device controller with on-chip PHY and dedicated DMA
controller.
FlexSPI flash interface with 32 KB cache and dynamic decryption for
execute-in-place and supports DMA. The FlexSPI includes 2 ports: high speed
channel A and lower speed channel B. Both ports support quad or octal operation.
An SD/eMMC memory card interface with dedicated DMA controller. Supports
eMMC 5.0 with HS400/DDR operation (HS-400 is supported only on SD port 0).
Eight configurable universal serial interface modules (Flexcomm Interfaces). Each
module contains an integrated FIFO and DMA support. Flexcomms 0 through 7can
be configured as:
- A USART with dedicated fractional baud rate generation and flow-control
handshaking signals. The USART can optionally be clocked at 32 kHz and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com