Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 68Page - NXP Semiconductors RT600 Datasheet HTML 69Page - NXP Semiconductors RT600 Datasheet HTML 70Page - NXP Semiconductors RT600 Datasheet HTML 71Page - NXP Semiconductors RT600 Datasheet HTML 72Page - NXP Semiconductors RT600 Datasheet HTML 73Page - NXP Semiconductors RT600 Datasheet HTML 74Page - NXP Semiconductors RT600 Datasheet HTML 75Page - NXP Semiconductors RT600 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 2.1 — 7 July 2023
72 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
ALARM1HZ flag in RTC control register generates an RTC wake-up interrupt request,
which can wake up the part. During deep power-down mode, the contents of the SRAM
and registers are not retained. All functional pins are tri-stated in deep power-down mode.
In deep power-down mode, all rails can remained powered and supply to the VDDCORE
supply can be powered down. In full deep power-down mode, all rails can be powered off
and the VDD_AO18 supply can remain powered.
10.14.4 Peripheral configuration in reduced power modes
Table 16 shows the peripheral configuration in reduced power modes.
[1] The comparator may be on in deep-sleep mode, but cannot generate a wake-up interrupt.
[2] Applies to both deep power-down and full deep power-down modes.
Table 16. Peripheral configuration in reduced power modes
Peripheral/Clock
Reduced power mode
Sleep
Deep-sleep
Deep power-down[2]
1m_lposc
Software configured Software configured
Off
16m_irc
Software configured Software configured
Off
48/60m_irc
Software configured Software configured
Off
Crystal oscillator
Software configured Software configured
Off
RTC and RTC oscillator
Software configured Software configured
Software configured
System PLL
Software configured Software configured
Off
Audio PLL
Software configured Software configured
Off
SRAM memory arrays
Software configured Software configured
Off
SRAM periphery
Software configured Software configured
Off
Boot ROM
On
Off‘
Off
Other digital peripherals
Software configured Software configured
Off
A to D converter
Software configured Software configured
Off
Analog Comparator
Software configured Software configured [1]
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com