Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 29Page - Renesas Technology Corp UPD17231 Datasheet HTML 30Page - Renesas Technology Corp UPD17231 Datasheet HTML 31Page - Renesas Technology Corp UPD17231 Datasheet HTML 32Page - Renesas Technology Corp UPD17231 Datasheet HTML 33Page - Renesas Technology Corp UPD17231 Datasheet HTML 34Page - Renesas Technology Corp UPD17231 Datasheet HTML 35Page - Renesas Technology Corp UPD17231 Datasheet HTML 36Page - Renesas Technology Corp UPD17231 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
31
3.7
INT Pin
This pin inputs an external interrupt request signal. At either the rising or falling edge of the signal input to this
pin, the IRQ flag (RF: address 3EH, bit 0) is set.
The status of this pin can be read by using the INT flag (RF: address 0FH, bit 0). When the high level is input to
the pin, the INT flag is set to “1”; when the low level is input, the flag is reset to “0” (refer to 7.2.1 INT).
Figure 3-1.
Relations between Port Register and Each Pin
Bank Address
Target Port
Bit
Output
Read Contents
Written Contents
On Reset
Format
Input mode Output mode Input mode Output mode
0
70H
Port 0A
b3
P0A3
Input
Pin status
–
–
–
Input mode
b2
P0A2
(with pull-up
b1
P0A1
resistor)
b0
P0A0
71H
Port 0B
b3
P0B3
N-ch
Output latch Output latch Output latch
b2
P0B2
open drain
b1
P0B1
b0
P0B0
72H
Port 0C
b3
P0C3
Output mode
b2
P0C2
(low-level
b1
P0C1
output)
b0
P0C0
73H
Port 0D
b3
P0D3
b2
P0D2
b1
P0D1
b0
P0D0
6FH
Port 0E
b3
P0E3
CMOS
Input mode
b2
P0E2
push-pull
(without pull-
b1
P0E1
up resistor)
b0
P0E0
1
70H
Port 1A
b0
P1A0
Input
–
–
–
Input mode
(input/output
(in input
(without pull-
mode set by
mode)
up resistor)
mask option)
N-ch
–
Output latch
Output latch Output latch Output mode
open drain
(high-
(in output
impedance
mode)
output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com