Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 78Page - Renesas Technology Corp UPD17231 Datasheet HTML 79Page - Renesas Technology Corp UPD17231 Datasheet HTML 80Page - Renesas Technology Corp UPD17231 Datasheet HTML 81Page - Renesas Technology Corp UPD17231 Datasheet HTML 82Page - Renesas Technology Corp UPD17231 Datasheet HTML 83Page - Renesas Technology Corp UPD17231 Datasheet HTML 84Page - Renesas Technology Corp UPD17231 Datasheet HTML 85Page - Renesas Technology Corp UPD17231 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
80
AC Characteristics (TA = –40 to +85
°C, VDD = 2.0 to 3.6 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
CPU clock cycle timeNote
tCY1
3.8
33
µs
(Instruction execution time)
tCY2
VDD = 2.2 to 3.6 V
1.9
33
µs
INT high/low level width
tINTH,
20
µs
tINTL
RESET low level width
tRSL
10
µs
Note
The CPU clock cycle time (instruction execution time)
is determined by the oscillation frequency of the reso-
nator connected and SYSCK (RF: address 02H) of the
register file.
The figure on the right shows the CPU clock cycle time
tCY vs. supply voltage VDD characteristics (refer to 4.
CLOCK GENERATOR CIRCUIT).
tCY vs VDD
Supply voltage VDD (V)
2
1
3
4
5
6
7
8
9
10
33
40
2
01
3
4
3.8
1.9
2.2
3.6
Operation
guaranteed
area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com