Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 35Page - Renesas Technology Corp UPD17231 Datasheet HTML 36Page - Renesas Technology Corp UPD17231 Datasheet HTML 37Page - Renesas Technology Corp UPD17231 Datasheet HTML 38Page - Renesas Technology Corp UPD17231 Datasheet HTML 39Page - Renesas Technology Corp UPD17231 Datasheet HTML 40Page - Renesas Technology Corp UPD17231 Datasheet HTML 41Page - Renesas Technology Corp UPD17231 Datasheet HTML 42Page - Renesas Technology Corp UPD17231 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
37
5.
8-BIT TIMER AND REMOTE CONTROLLER CARRIER GENERATOR CIRCUIT
The
µPD17236 is equipped with the 8-bit timer which is mainly used to generate the leader pulse of the remote
controller signal, and to output codes.
5.1
Configuration of 8-bit Timer (with modulo function)
Figure 5-1 shows the configuration of the 8-bit timer.
As shown in this figure, the 8-bit timer consists of an 8-bit counter (TMC), an 8-bit modulo register (TMM), a
comparator that compares the value of the timer with the value of the modulo register, and a selector that selects the
operation clock of the 8-bit timer.
To start/stop the 8-bit timer, and to reset the 8-bit counter, TMEN (address 33H, bit 3) and TMRES (address 33H,
bit 2) of the register file are used. To select the operation clock of the 8-bit timer, use TMCK1 (address 33H, bit 1)
and TMCK0 (address 33H, bit 0) of the register file.
The value of the 8-bit counter is read by using the GET instruction through DBF (data buffer). No value can be
set to the 8-bit counter. A value is set to the modulo register by using the PUT instruction through DBF. The value
of the modulo register cannot be read.
When the value of the counter coincides with that of the modulo register, an interrupt flag (IRQTM: address 3FH,
bit 0) of the register file is set.
76543210
TMC
TMM
Address
On reset
R/W
Peripheral register: 05H
00H
R
Address
On reset
R/W
Peripheral register: 06H
FFH
W
8-bit counter
76543210
8-bit modulo register
Caution Do not clear TMM to 0 (IRQTM is not set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com