Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 74Page - Renesas Technology Corp UPD17231 Datasheet HTML 75Page - Renesas Technology Corp UPD17231 Datasheet HTML 76Page - Renesas Technology Corp UPD17231 Datasheet HTML 77Page - Renesas Technology Corp UPD17231 Datasheet HTML 78Page - Renesas Technology Corp UPD17231 Datasheet HTML 79Page - Renesas Technology Corp UPD17231 Datasheet HTML 80Page - Renesas Technology Corp UPD17231 Datasheet HTML 81Page - Renesas Technology Corp UPD17231 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
76
Recommended Operating Ranges (TA = –40 to +85
°C, VDD = 2.0 to 3.6 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply voltage
VDD1
fX = 1 MHz
High-speed mode
2.0
3.0
3.6
V
(Instruction execution time: 16
µs)
VDD2
fX = 4 MHz
Ordinary mode
(Instruction execution time: 4
µs)
VDD3
fX = 8 MHz
High-speed mode
(Instruction execution time: 4
µs)
VDD4
High-speed mode
2.2
3.0
3.6
V
(Instruction execution time: 2
µs)
Oscillation frequency
fX
1.0
4.0
8.0
MHz
Operating temperature
TA
–40
+25
+85
°C
Low-voltage detector circuitNote
TCY
432
µs
(Mask option)
Note
Reset if the status of VDD = 1.7 to 2.0 V lasts for 1 ms or longer. Program hang-up does not occur even
if the voltage drops, until the reset function is effected. Some oscillators stop oscillating before the reset
function is effected.
Remark
The region indicated by the broken line in the above figure is the guaranteed operating range in the high-
speed mode.
fX vs VDD
Supply voltage: VDD (V)
0.4
2
1
3
4
5
6
7
8
9
10
2
0
2.2
3
3.6
4
(MHZ)
Operation
guaranteed area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com