Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 32Page - Renesas Technology Corp UPD17231 Datasheet HTML 33Page - Renesas Technology Corp UPD17231 Datasheet HTML 34Page - Renesas Technology Corp UPD17231 Datasheet HTML 35Page - Renesas Technology Corp UPD17231 Datasheet HTML 36Page - Renesas Technology Corp UPD17231 Datasheet HTML 37Page - Renesas Technology Corp UPD17231 Datasheet HTML 38Page - Renesas Technology Corp UPD17231 Datasheet HTML 39Page - Renesas Technology Corp UPD17231 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
34
3.9
Selecting I/O Mode of Group I/O
An I/O that is set in the input or output mode in 4-bit units is called a group I/O. P0C and P0D can be used as
group I/O ports. The input and output modes of these ports are selected by using the following register file. If the
mode is changed from input to output, the contents of the port register are output to the respective ports as soon as
the mode has been changed.
3
210
P0DGIO
P0CGIO
0
0
Address
RF : 37H
On reset
CH
R/W
R/W
P0CGIO
0
1
I/O mode of P0C0-P0C3
Sets P0C0-P0C3 in input mode.
Sets P0C0-P0C3 in output mode.
P0DGIO
0
1
I/O mode of P0D0-P0D3
Sets P0D0-P0D3 in input mode.
Sets P0D0-P0D3 in output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com