Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 19Page - Renesas Technology Corp UPD17231 Datasheet HTML 20Page - Renesas Technology Corp UPD17231 Datasheet HTML 21Page - Renesas Technology Corp UPD17231 Datasheet HTML 22Page - Renesas Technology Corp UPD17231 Datasheet HTML 23Page - Renesas Technology Corp UPD17231 Datasheet HTML 24Page - Renesas Technology Corp UPD17231 Datasheet HTML 25Page - Renesas Technology Corp UPD17231 Datasheet HTML 26Page - Renesas Technology Corp UPD17231 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
21
2.4.2
System registers (SYSREG)
The system registers are registers that are directly related to control of the CPU. These registers are mapped to
addresses 74H-7FH on the data memory and can be referenced regardless of bank specification.
The system registers include the following registers:
• Address registers (AR0-AR3)
• Window register (WR)
• Bank register (BANK)
• Memory pointer enable flag (MPE)
• Memory pointers (MPH, MPL)
• Index registers (IXH, IXM, IXL)
• General register pointers (RPH, RPL)
• Program status word (PSWORD)
Figure 2-7. Configuration of System Register
b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0
74H
75H
76H
77H
78H
79H
7AH
7BH
7CH
7DH
7EH
7FH
AR 3
AR 2
AR 1
AR 0
WR
BANK
IXH
IXM
IXL
RPH
RPL
PSW
MPH
MPL
Address register
(AR)
Window
register
(WR)
Bank
register
(BANK)
Data memory
row address
pointer (MP)
Index register
(IX)
General
register
pointer
(RP)
Program
status
word
(PSWORD)
000
00
00
00
M
P
E
B
C
D
C
M
P
C
YZ
I
X
E
(RP)
(IX)
(MP)
(BANK)
Data
Bit
Symbol
Name
Address
Initial
Value
At
Reset
0000 0 0 00 0 0 0 00000
0 0 00 0 0 0 00000 0 0 0 0 0 0 0 00000 0000
Undefined
0
0
0
(WR)
(AR) ( PD17232,17233)
(AR) ( PD17231)
(AR) ( PD17230)
µ
0000 0
0000
µ
µ
00
(AR) ( PD17234,17235,17236)
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com