Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 72Page - Renesas Technology Corp UPD17231 Datasheet HTML 73Page - Renesas Technology Corp UPD17231 Datasheet HTML 74Page - Renesas Technology Corp UPD17231 Datasheet HTML 75Page - Renesas Technology Corp UPD17231 Datasheet HTML 76Page - Renesas Technology Corp UPD17231 Datasheet HTML 77Page - Renesas Technology Corp UPD17231 Datasheet HTML 78Page - Renesas Technology Corp UPD17231 Datasheet HTML 79Page - Renesas Technology Corp UPD17231 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
74
(d)
µPD17233, 17234, 17235, 17236
Operand
Operation
Op Code
addr
PC10–0
← addr, Page ← 0
01100
PC10–0
← addr, Page ← 1
01101
PC10–0
← addr, Page ← 2
01110
PC10–0
← addr, Page ← 3
01111
2.
µPD17234, 17235, and 17236 only
12.4 Assembler (RA17K) Built-In Macro Instruction
Legend
flag n : FLG type symbol
n
: Bit number
<
> : Contents in <
> can be omitted
Mnemonic
Operand
Operation
n
Built-in
SKTn
flag 1, ...flag n
if (flag 1) to (flag n) = all “1”, then skip
1
≤ n ≤ 4
macro
SKFn
flag 1, ...flag n
if (flag 1) to (flag n) = all “0”, then skip
1
≤ n ≤ 4
SETn
flag 1, ...flag n
(flag 1) to (flag n)
← 11 ≤ n ≤ 4
CLRn
flag 1, ...flag n
(flag 1) to (flag n)
← 01 ≤ n ≤ 4
NOTn
flag 1, ...flag n
if (flag n) = “0”, then (flag n)
← 1
1
≤ n ≤ 4
if (flag n) = “1”, then (flag n)
← 0
INITFLG
<NOT> flag 1,
if description = NOT flag n, then (flag n)
← 0
1
≤ n ≤ 4
···<<NOT> flag n>
if description = flag n, then (flag n)
← 1
BANKn
(BANK)
← n
n = 0, 1
Expantion
BRX
Label
Jump Label
—
instruction
CALLX
function-name
CALL sub-routine
—
INITFLGX
<NOT/INV> flag 1,
if description = NOT (or INV)
n
≤ 4
...<NOT/INV> flag n
flag, (flag)
← 0
if description = flag, (flag)
← 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com