Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 56Page - Renesas Technology Corp UPD17231 Datasheet HTML 57Page - Renesas Technology Corp UPD17231 Datasheet HTML 58Page - Renesas Technology Corp UPD17231 Datasheet HTML 59Page - Renesas Technology Corp UPD17231 Datasheet HTML 60Page - Renesas Technology Corp UPD17231 Datasheet HTML 61Page - Renesas Technology Corp UPD17231 Datasheet HTML 62Page - Renesas Technology Corp UPD17231 Datasheet HTML 63Page - Renesas Technology Corp UPD17231 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
58
8.4
STOP Instruction Execution Conditions
The STOP instruction can be executed, only under special conditions, as shown in Table 8-5, to prevent the program
from hang-up.
If the conditions in Table 8-5 are not satisfied, the STOP instruction is treated as an NOP instruction.
Table 8-5.
STOP Instruction Execution Conditions
Operand Value
Execution Conditions
1000B (08H)
<1> High level input for all P0A0-P0A3 pins
<2> When P0B0-P0B3, P0C0-P0C3, and P0D0-P0D3 are used as input pins and all pins are high
<3> If the INT pin interrupt request flag (IRQ) for an interrupt for which the INT pin interrupt
enable flag (IP) is set is reset
Other than above
Setting prohibited
8.5
Releasing Standby Mode
Operations for releasing the STOP and HALT modes will be as shown in Figure 8-1.
Figure 8-1.
Operations After Standby Mode Release
(a) Releasing STOP mode by interrupt
Stanby
release signal
STOP
instruction
Wait
(time set by TMM)
Operation
mode
STOP mode
HALT mode
Operation
mode
Clock
Oscillation
Oscillation stops
Oscillation
(b) Releasing HALT mode by interrupt
HALT
instruction
Stanby
release signal
Clock
Operation
mode
Operation
mode
HALT mode
Oscillation
Remark
The dotted line indicates the operation to be performed when the interrupt request, releasing the standby
mode, has been accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com