Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 55Page - Renesas Technology Corp UPD17231 Datasheet HTML 56Page - Renesas Technology Corp UPD17231 Datasheet HTML 57Page - Renesas Technology Corp UPD17231 Datasheet HTML 58Page - Renesas Technology Corp UPD17231 Datasheet HTML 59Page - Renesas Technology Corp UPD17231 Datasheet HTML 60Page - Renesas Technology Corp UPD17231 Datasheet HTML 61Page - Renesas Technology Corp UPD17231 Datasheet HTML 62Page - Renesas Technology Corp UPD17231 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
57
8.3
STOP Mode
In the STOP mode, the system clock (fX) oscillation is stopped and the program execution is stopped to minimize
current consumption.
To set the STOP mode, use the STOP instruction.
The STOP mode releasing condition can be specified by the STOP instruction operand, as shown in Table 8-4.
After the STOP mode has released, the operation is performed as follows:
<1> Resets IRQTM.
<2> Starts the basic interval timer and watchdog timer (does not reset).
<3> Resets and starts the 8-bit timer.
<4> Executes the instruction next to [STOP 8H] when the current value of the 8-bit counter coincides with
the value of the modulo register (IRQTM is set).
The
µPD17236 oscillator is stopped, when the STOP instruction has been executed (i.e., in the STOP mode).
Oscillation is not resumed, until the STOP mode is released. After the STOP mode has been released, the HALT
mode is set. Set the time required to release the HALT mode by using the timer with modulo function.
The time that elapses, after the STOP mode has been released by occurrence of an interrupt, until an operation
mode is set, is shown in the following table.
Caution Do not execute an instruction that clears the interrupt request flag (IRQ
×××) for which the
interrupt enable flag (IP
×××) is set immediately before the STOP 8H instruction; otherwise, the
STOP mode may not be set.
8-Bit Modulo Register Set Value
Time Required to Set Operation Mode
(TMM)
after STOP Mode Release
At 4 MHz
40H
4.160 ms (64
µs × 65)
FFH
16.384 ms (64
µs × 256)
Caution To set the time required for an operation mode to be set after the STOP mode has been released,
make sure that sufficient time is allowed for oscillation to stabilize.
Remark
Set the 8-bit modulo timer before executing STOP instruction.
Table 8-4.
STOP Mode Releasing Conditions
Operand Value
Releasing Conditions
1000B (08H)
<1> When any of P0A0-P0A3 pins goes low
<2> When P0B0-P0B3, P0C0-P0C3, and P0D0-P0D3 are used as input pins and any of these goes low
<3> If the interrupt request (IRQ) of an interrupt for which the INT pin interrupt enable flag (IP) is set
is generated at the rising or falling edge of the INT pin
Other than above
Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com