Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 83Page - Renesas Technology Corp UPD17231 Datasheet HTML 84Page - Renesas Technology Corp UPD17231 Datasheet HTML 85Page - Renesas Technology Corp UPD17231 Datasheet HTML 86Page - Renesas Technology Corp UPD17231 Datasheet HTML 87Page - Renesas Technology Corp UPD17231 Datasheet HTML 88Page - Renesas Technology Corp UPD17231 Datasheet HTML 89Page - Renesas Technology Corp UPD17231 Datasheet HTML 90Page - Renesas Technology Corp UPD17231 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
85
APPENDIX A.
DIFFERENCES BETWEEN
µPD17236 AND µPD17P236
µPD17P236 is equipped with PROM to which data can be written by the user instead of the internal mask ROM
(program memory) of the
µPD17236.
Table A-1 shows the differences between the
µPD17236 and µPD17P236.
The CPU functions and internal hardware of the
µPD17P236, 17230, 17231, 17232, 17233, 17234, 17235, and
17236 are identical. Therefore, the
µPD17P236 can be used to evaluate the program developed for the µPD17231,
17232, 17233, 17234, 17235, and 17236 system. Note, however, that some of the electrical specifications such
as supply current and low-voltage detection voltage of the
µPD17P236 are different from those of the
µPD17231, 17232, 17233, 17234, 17235, and 17236.
Table A-1. Differences among
µPD17236 and µPD17P236
Product Name
µPD17P236
µPD17236
µPD17P236M1, 17P236M2,
Item
17P236M3, 17P236M4
Program memory
One-time PROM
Mask ROM
32K bytes (16384
× 16)
(0000H-3FFFH)
Data memory
223
× 4 bits
Input/output of P1A0 pin
• Input (
µPD17P236M2, 17P236M4)
Any (mask option)
• Output (
µPD17P236M1, 17P236M3)
Clock selection for carrier generation
• RfX = fX/2 (
µPD17P236M1, 17P236M2)
Any (mask option)
• RfX = fX (
µPD17P236M3, 17P236M4)
Low-voltage detection circuit
Provided
Any (mask option)
VPP pin, operation mode select pin
Provided
Not provided
Instruction execution time
• 2
µs (VDD = 3.0 to 3.6 V)
• 2
µs (VDD = 2.2 to 3.6 V)
• 4
µs (VDD = 2.2 to 3.6 V)
• 4
µs (VDD = 2.0 to 3.6 V)
Supply voltage
VDD = 2.2 to 3.6 V
VDD = 2.0 to 3.6 V
Packag
• 28-pin plastic SOP (375 mil)
• 30-pin plastic shrink SOP (300 mil)
Note
Although the circuit configuration is identical, its electrical characteristics differ depending on the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com