Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 86Page - Renesas Technology Corp UPD17231 Datasheet HTML 87Page - Renesas Technology Corp UPD17231 Datasheet HTML 88Page - Renesas Technology Corp UPD17231 Datasheet HTML 89Page - Renesas Technology Corp UPD17231 Datasheet HTML 90Page - Renesas Technology Corp UPD17231 Datasheet HTML 91Page - Renesas Technology Corp UPD17231 Datasheet HTML 92Page - Renesas Technology Corp UPD17231 Datasheet HTML 93Page - Renesas Technology Corp UPD17231 Datasheet HTML 94Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
88
APPENDIX C.
DEVELOPMENT TOOLS
To develop the programs for the
µPD17235 subseries, the following development tools are available:
Hardware
Name
Remarks
IE-17K and IE-17K-ET are the in-circuit emulators used in common with the 17K series
microcontroller.
IE-17K and IE-17K-ET are connected to a PC-9800 series or IBM PC/ATTM compatible
machines as the host machine with RS-232C.
By using these in-circuit emulators with a system evaluation board corresponding to the
microcomputer, the emulators can emulate the microcomputer. A higher level debugging
environment can be provided by using man-machine interface
SIMPLEHOST TM.
SE board
This is an SE board for
µPD17236 subseries. It can be used alone to evaluate a system
(SE-17235)
or in combination with an in-circuit emulator for debugging.
Emulation probe
EP-17K28GT is an emulation probe for 17K series 28-pin SOP (GM-3756). When used with
(EP-17K28GT)
EV-9500GT-28Note 2, it connects an SE board to the target system.
Emulation probe
EP-17K30GS is an emulation probe for 17K series 30-pin shrink SOP (MC-5A4). When used
(EP-17K30GS)
with EV-9500GT-30Note 3, it connects an SE board to the target system.
Conversion adapter
EV-9500GT-28 is a conversion adapter for 28-pin SOP (375 mil) and is used to connect
(EV-9500GT-28Note 2)
EP-17K28GT to the target system.
Conversion adapter
The EV-9500GT-30 is a conversion adapter for the 30-pin shrink SOP (300 mil). It is used
(EV-9500GT-30Note 3)
to connect the EP-17K30GS and target system.
PROM programmer
AF-9706, AF-9708, and AF-9709 are PROM programmers corresponding to
µPD17P236.
(AF-9706Note 4, AF-9708Note 4,
By connecting program adapter PA-17P236 to this PROM programmer,
µPD17P236 can be
AF-9709Note 4)
programmed.
Program adapter
PA-17P236 are adapters that is used to program
µPD17P236, and is used in combination
(PA-17P236)
with AF-9706, AF-9708, or AF-9709.
Notes 1. Low-cost model: External power supply type
2. Two EV-9500GT-28s are supplied with the EP-17K28GT. Five EV-9500GT-28s are optionally available
as a set.
3. Two EV-9500GT-30 are supplied with the EP-17K30GS. Five EV-9500GT-30s are optionally available as
a set.
4. These are products from Ando Electric Co., Ltd. For details, consult Ando Electric Co., Ltd. (Tel: 03-3733-
1166).
In-circuit emulator
IE-17K,
IE-17K-ET
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com