Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 51Page - Renesas Technology Corp UPD17231 Datasheet HTML 52Page - Renesas Technology Corp UPD17231 Datasheet HTML 53Page - Renesas Technology Corp UPD17231 Datasheet HTML 54Page - Renesas Technology Corp UPD17231 Datasheet HTML 55Page - Renesas Technology Corp UPD17231 Datasheet HTML 56Page - Renesas Technology Corp UPD17231 Datasheet HTML 57Page - Renesas Technology Corp UPD17231 Datasheet HTML 58Page - Renesas Technology Corp UPD17231 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
53
7.3
Interrupt Sequence
If IRQ
×× flag is set to “1” when IP×× flag is “1”, interrupt processing is started after the instruction cycle of the
instruction executed when IRQ
×× flag was set has ended. Since the MOVT instruction, EI instruction, and the
instruction which matches the condition to skip use two instruction cycles, the interrupt enabled while this instruction
is executed is processed after the second instruction cycle is over.
If IP
×× flag is “0”, the interrupt processing is not performed even if IRQ×× flag is set, until IP×× flag is set.
If two or more interrupts are enabled simultaneously, the interrupts are processed starting from the one with the
highest priority. The interrupt with the lower priority is kept pending until the processing of the interrupt with the higher
priority is finished.
7.3.1
Operations when interrupt is accepted
When an interrupt has been accepted, the CPU performs processing in the following sequence:
Clears IRQ
corresponding to
INTE flag and accepted interrupt
×××
Decrements value of stack pointer by 1
(SP – 1)
Saves contents of program counter to
stack addressed by stack pointer
Loads vector address to program counter
Save contents of PSWORD to interrupt stack register
One instruction cycle is required to perform the above processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com