Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 75Page - Renesas Technology Corp UPD17231 Datasheet HTML 76Page - Renesas Technology Corp UPD17231 Datasheet HTML 77Page - Renesas Technology Corp UPD17231 Datasheet HTML 78Page - Renesas Technology Corp UPD17231 Datasheet HTML 79Page - Renesas Technology Corp UPD17231 Datasheet HTML 80Page - Renesas Technology Corp UPD17231 Datasheet HTML 81Page - Renesas Technology Corp UPD17231 Datasheet HTML 82Page - Renesas Technology Corp UPD17231 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
77
System Clock Oscillator Characteristics (TA = –40 to +85
°C, VDD = 2.0 to 3.6 V)
Resonator
Recommended
Item
Conditions
MIN.
TYP.
MAX.
Unit
Constants
Ceramic
Oscillation frequency
1.0
4.0
8.0
MHz
resonator
(fX)Note 1
Oscillation
After VDD reached MIN.
4
ms
stabilization timeNote 2
in oscillation voltage
range
Notes 1. The oscillation frequency only indicates the oscillator characteristics.
2. The oscillation stabilization time is necessary for oscillation to be stabilized, after VDD application or
STOP mode release.
Caution To use a system clock oscillator circuit, perform the wiring in the area enclosed by the dotted
line in the above figure as follows, to avoid adverse wiring capacitance influences:
•
Keep wiring length as short as possible.
•
Do not cross a signal line with some other signal lines. Do not route the wiring in the vicinity
of lines through which a large current flows.
•
Always keep the oscillator circuit capacitor ground at the same potential as GND. Do not
ground the capacitor to a ground pattern, through which a large current flows.
•
Do not extract signals from the oscillator circuit.
External circuit example
X IN
X OUT
XIN
XOUT
R1
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com