Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 17Page - Renesas Technology Corp UPD17231 Datasheet HTML 18Page - Renesas Technology Corp UPD17231 Datasheet HTML 19Page - Renesas Technology Corp UPD17231 Datasheet HTML 20Page - Renesas Technology Corp UPD17231 Datasheet HTML 21Page - Renesas Technology Corp UPD17231 Datasheet HTML 22Page - Renesas Technology Corp UPD17231 Datasheet HTML 23Page - Renesas Technology Corp UPD17231 Datasheet HTML 24Page - Renesas Technology Corp UPD17231 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
19
2.4
Data Memory (RAM)
Data memory (random access memory) stores data for operations and control. It can be read-/write-accessed by
instructions.
2.4.1
Memory configuration
Figure 2-6 shows the configuration of the data memory (RAM).
The data memory consists of two “banks”: BANK0 and BANK1.
In each bank, every 4 bits of data is assigned an address. The high-order 3 bits of the address indicate a “row
address” and the low-order 4 bits of the address indicate a “column address”. For example, a data memory location
indicated by row address 1H and column address 0AH is termed a data memory location at address 1AH. Each
address stores data of 4 bits (= a “nibble”).
In addition, the data memory is divided into following six functional blocks:
(1) System register (SYSREG)
A system register (SYSREG) is resident on addresses 74H to 7FH (12 nibbles long) of each bank. In other
nibbles, each bank has a system register at its addresses 74H to 7FH.
(2) Data buffer (DBF)
A data buffer is resident on addresses 0CH to 0FH (4 nibbles long) of bank 0 of data memory.
The reset value is 0320H.
(3) General register (GR)
A general register is resident on any row (16 nibbles long) of any bank of data memory.
The row address of the general register is pointed by the general pointer (RP) in the system register (SYSREG).
(4) Port register
A port data register is resident on addresses 6FH, and 70H to 73H (5 nibbles) of BANK0 of data memory.
No data can be written to or read from the addresses 71H to 73H of BANK1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com