Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 41Page - Renesas Technology Corp UPD17231 Datasheet HTML 42Page - Renesas Technology Corp UPD17231 Datasheet HTML 43Page - Renesas Technology Corp UPD17231 Datasheet HTML 44Page - Renesas Technology Corp UPD17231 Datasheet HTML 45Page - Renesas Technology Corp UPD17231 Datasheet HTML 46Page - Renesas Technology Corp UPD17231 Datasheet HTML 47Page - Renesas Technology Corp UPD17231 Datasheet HTML 48Page - Renesas Technology Corp UPD17231 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
43
Setting carrier frequency and duty factor
Where the system clock frequency is fX, carrier frequency is fC, and carrier generation clock is RfX:
•
When RfX = fX/2:
(division ratio) = fX/(2
× fC)
•
When RfX = fX :
(division ratio) = fX/fC
is divided into m:n and is set in the modulo registers as follows:
High-level period set value = {
× m/(m + n)} – 1
Low-level period set value = {
× n/(m + n)} – 1
Example
Where fC = 38 kHz, duty factor (high-level period) = 1/3, fX = 4 MHz, and RfX = fX/2:
= 4 MHz/(2
× 38 kHz) = 52.6
m:n = 1:2
From the above, the value of the modulo register is:
High-level period = 17
Low-level period = 34
Therefore, the carrier frequency is 37.74 kHz.
Table 5-1. Carrier Frequency List
(1) Where fX = 4 MHz and RfX = fX/2
Set Value
tH (
µs)
tL (
µs)
1/fC (
µs)
fC (kHz)
Duty
NRZHTMM
NRZLTMM
00H
00H
0.5
0.5
1.0
1000
1/2
01H
02H
1.0
1.5
2.5
400
2/5
04H
04H
2.5
2.5
5.0
200
1/2
09H
09H
5.0
5.0
10.0
100
1/2
0FH
10H
8.0
8.0
16.5
60.6
1/2
0FH
21H
8.0
17.0
25.0
40.0
1/3
11H
21H
9.0
17.0
26.0
38.5
1/3
11H
22H
9.0
17.5
26.5
37.7
1/3
19H
35H
13.0
27.0
40.0
25.0
1/3
3FH
3FH
32.0
32.0
64.0
15.6
1/2
7FH
7FH
64.0
64.0
120.0
7.8
1/2
.
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com