Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 10Page - Renesas Technology Corp UPD17231 Datasheet HTML 11Page - Renesas Technology Corp UPD17231 Datasheet HTML 12Page - Renesas Technology Corp UPD17231 Datasheet HTML 13Page - Renesas Technology Corp UPD17231 Datasheet HTML 14Page - Renesas Technology Corp UPD17231 Datasheet HTML 15Page - Renesas Technology Corp UPD17231 Datasheet HTML 16Page - Renesas Technology Corp UPD17231 Datasheet HTML 17Page - Renesas Technology Corp UPD17231 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
12
2.
MEMORY SPACE
2.1
Program Counter (PC)
The program counter (PC) specifies an address of the program memory (ROM).
The program counter is an 11/12/13-bit binary counter and a 1-bit segment counter (SGR) as shown in Figure
2-1.
Its contents are initialized to address 0000H at reset.
Figure 2-1. Configuration of Program Counter
2.1.1
Segment register (SGR)
The segment register specifies a segment of the program memory.
Table 2-1 shows the relation between the segment register and program memory.
Table 2-1. Relation between Segment Register and Program Memory
Value of Segment Register
Segment of Program Memory
0
Segment 0
1
Segment 1
The segment register is set when the following instructions are executed:
•
BR @AR
•
CALL @AR
•
SYSCAL entry
Page
PC ( PD17230)
MSB
LSB
SGR
PC12
PC11
PC10
PC9
PC8
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
µ
PC ( PD17231)
µ
PC ( PD17232, 17233)
µ
PC ( PD17234, 17235, 17236)
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com