Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 34Page - Renesas Technology Corp UPD17231 Datasheet HTML 35Page - Renesas Technology Corp UPD17231 Datasheet HTML 36Page - Renesas Technology Corp UPD17231 Datasheet HTML 37Page - Renesas Technology Corp UPD17231 Datasheet HTML 38Page - Renesas Technology Corp UPD17231 Datasheet HTML 39Page - Renesas Technology Corp UPD17231 Datasheet HTML 40Page - Renesas Technology Corp UPD17231 Datasheet HTML 41Page - Renesas Technology Corp UPD17231 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
36
4.
CLOCK GENERATOR CIRCUIT
4.1
Instruction Execution Time (CPU Clock) Selection
The
µPD17236 is equipped with a clock oscillator that supplies clocks to the CPU and hardware peripherals.
Instruction execution time can be changed in two steps (ordinary mode and high-speed mode) without changing the
oscillation frequency.
To change the instruction execution time, change the mode of SYSCK (RF: address 02H) of the register file by
using the POKE instruction.
Note, that the mode is actually only changed when the instruction next to the POKE instruction has been executed.
When using the high-speed mode, pay attention to the supply voltage. (Refer to 13. ELECTRICAL SPECIFICA-
TIONS.)
On reset, the ordinary mode is set.
32
10
0
0
0
SYSCK
Address
RF : 02H
SYSCK
On reset
0H
R/W
R/W
0
1
Selects Instruction Execution Time
Ordinary mode 32/fX (8 s)
µ
High-speed mode 16/fX (4 s)
µ
Figures in ( ): indicate figures when system clock fX = 4 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com