Electronic Components Datasheet Search
  English  ▼

X  

UPD17231 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # UPD17231
Description  MOS INTEGRATED CIRCUIT
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17231 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button UPD17231 Datasheet HTML 77Page - Renesas Technology Corp UPD17231 Datasheet HTML 78Page - Renesas Technology Corp UPD17231 Datasheet HTML 79Page - Renesas Technology Corp UPD17231 Datasheet HTML 80Page - Renesas Technology Corp UPD17231 Datasheet HTML 81Page - Renesas Technology Corp UPD17231 Datasheet HTML 82Page - Renesas Technology Corp UPD17231 Datasheet HTML 83Page - Renesas Technology Corp UPD17231 Datasheet HTML 84Page - Renesas Technology Corp UPD17231 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 94 page
background image
Data Sheet U14360EJ1V0DS00
µPD17230, 17231, 17232, 17233, 17234, 17235, 17236
79
DC Characteristics (TA = –40 to +85
°C, VDD = 2.0 to 3.6 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
High-level input voltage
VIHI1
P1A0 (input), RESET, INT
0.80VDD
VDD
V
VIH2
P0A, P0B, P0C, P0D
0.70VDD
VDD
V
VIH3
P0E
0.80VDD
VDD
V
Low-level input voltage
VIL1
P1A0 (input), RESET, INT
0
0.2 VDD
V
VIL2
P0A, P0B, P0C, P0D
0
0.3 VDD
V
VIL3
P0E
0
0.35 VDD
V
High-level input leakage
ILIH
P0A, P0B, P0C, P0D, P0E,
VIH = VDD
3.0
µA
current
P1A0, RESET, INT
Low-level input leakage
ILIL1
INT
VIL = 0 V
–3.0
µA
current
ILIL2
P0E, RESET
VIL = 0 V
–3.0
µA
w/o pull-up resistor
Internal pull-up resistor
R1
P0E, RESET (pulled up)
25
50
100
k
Ω
R2
P0A, P0B, P0C, P0D
100
200
400
k
Ω
R3
RESET (pulled down)
2.5
5
10
k
Ω
High-level output current
IOH
REM
VOH = 1.0 V,
–6
–13
–24
mA
VDD = 3 V
High-level output voltage
VOH
P0E, REM
IOH = –0.5 mA VDD–0.3
VDD
V
Low-level output voltage
VOL1
P0B, P0C, P0D, P1A0 (output), REM
IOL = 0.5 mA
0
0.3
V
VOL2
P0E
IOL = 1.5 mA
0
0.3
V
Data retention characteristics
VDDDR
RESET = low level or STOP mode
1.3
3.6
V
Low-voltage detection
VDT
RESET pin pulled down, VDT = VDD
1.70
1.85
2.0
V
voltage (mask option)
POC detection pulse width
TDT
VDD < VDT
1ms
Supply current
IDD1
Operating mode
VDD = 3 V
±10%
fX = 1 MHz
0.6
1.1
mA
(high-speed)
fX = 4 MHz
0.75
1.3
mA
fX = 8 MHz
0.9
1.6
mA
IDD2
Operating mode
VDD = 3 V
±10%
fX = 1 MHz
0.48
0.9
mA
(low-speed)
fX = 4 MHz
0.6
1.1
mA
fX = 8 MHz
0.8
1.4
mA
IDD3
HALT mode
VDD = 3 V
±10%
fX = 1 MHz
0.4
0.75
mA
fX = 4 MHz
0.45
0.85
mA
fX = 8 MHz
0.5
0.95
mA
IDD4
STOP mode
VDD = 3 V
±10%
2.0
20.0
µA
built-in POC
TA = 25
°C
2.0
5.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com