Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 149 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 149 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 145Page - ATMEL Corporation ATMEGA640 Datasheet HTML 146Page - ATMEL Corporation ATMEGA640 Datasheet HTML 147Page - ATMEL Corporation ATMEGA640 Datasheet HTML 148Page - ATMEL Corporation ATMEGA640 Datasheet HTML 149Page - ATMEL Corporation ATMEGA640 Datasheet HTML 150Page - ATMEL Corporation ATMEGA640 Datasheet HTML 151Page - ATMEL Corporation ATMEGA640 Datasheet HTML 152Page - ATMEL Corporation ATMEGA640 Datasheet HTML 153Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 449 page
background image
149
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
A change of the COMnx1:0 bits state will have effect at the first compare match after the
bits are written. For non-PWM modes, the action can be forced to have immediate effect
by using the FOCnx strobe bits.
Modes of Operation
The mode of operation, i.e., the behavior of the Timer/Counter and the Output Compare
pins, is defined by the combination of the Waveform Generation mode (WGMn3:0) and
Compare Output mode (COMnx1:0) bits. The Compare Output mode bits do not affect
the counting sequence, while the Waveform Generation mode bits do. The COMnx1:0
bits control whether the PWM output generated should be inverted or not (inverted or
non-inverted PWM). For non-PWM modes the COMnx1:0 bits control whether the out-
put should be set, cleared or toggle at a compare match (See “Compare Match Output
Unit” on page 148.)
Note:
1. The CTCn and PWMn1:0 bit definition names are obsolete. Use the
WGMn2:0 definitions. However, the functionality and
location of these bits are compatible with previous versions of the timer.
For detailed timing information refer to “Timer/Counter Timing Diagrams” on page 157.
Table 82. Waveform Generation Mode Bit Description
(1)
Mode
WGMn3
WGMn2
(CTCn)
WGMn1
(PWMn1)
WGMn0
(PWMn0)
Timer/Counter
Mode of Operation
TOP
Update of
OCRn
x at
TOVn Flag
Set on
00
0
0
0
Normal
0xFFFF
Immediate
MAX
10
0
0
1
PWM, Phase Correct, 8-bit
0x00FF
TOP
BOTTOM
20
0
1
0
PWM, Phase Correct, 9-bit
0x01FF
TOP
BOTTOM
30
0
1
1
PWM, Phase Correct, 10-bit
0x03FF
TOP
BOTTOM
4
0
1
0
0
CTC
OCRnA
Immediate
MAX
50
1
0
1
Fast PWM, 8-bit
0x00FF
BOTTOM
TOP
60
1
1
0
Fast PWM, 9-bit
0x01FF
BOTTOM
TOP
70
1
1
1
Fast PWM, 10-bit
0x03FF
BOTTOM
TOP
81
0
0
0
PWM, Phase and Frequency
Correct
ICRn
BOTTOM
BOTTOM
91
0
0
1
PWM,Phase and Frequency
Correct
OCRnA
BOTTOM
BOTTOM
10
10
10
PWM, Phase Correct
ICRn
TOP
BOTTOM
11
10
11
PWM, Phase Correct
OCRnA
TOP
BOTTOM
12
1
1
0
0
CTC
ICRn
Immediate
MAX
13
1
1
0
1
(Reserved)
–
–
–
14
11
10
Fast PWM
ICRn
BOTTOM
TOP
15
11
11
Fast PWM
OCRnA
BOTTOM
TOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com