Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 186 Page - ATMEL Corporation

Part # ATMEGA640
Description  8-bit Microcontroller with 64K/128K/256K Bytes In-System Programmable Flash
PDF  449 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA640 Datasheet(HTML) 186 Page - ATMEL Corporation

Back Button ATMEGA640 Datasheet HTML 182Page - ATMEL Corporation ATMEGA640 Datasheet HTML 183Page - ATMEL Corporation ATMEGA640 Datasheet HTML 184Page - ATMEL Corporation ATMEGA640 Datasheet HTML 185Page - ATMEL Corporation ATMEGA640 Datasheet HTML 186Page - ATMEL Corporation ATMEGA640 Datasheet HTML 187Page - ATMEL Corporation ATMEGA640 Datasheet HTML 188Page - ATMEL Corporation ATMEGA640 Datasheet HTML 189Page - ATMEL Corporation ATMEGA640 Datasheet HTML 190Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 449 page
background image
186
ATmega640/1280/1281/2560/2561
2549K–AVR–01/07
port pin. The Data Direction Register bit for the OC2x pin (DDR_OC2x) must be set as
output before the OC2x value is visible on the pin. The port override function is indepen-
dent of the Waveform Generation mode.
The design of the Output Compare pin logic allows initialization of the OC2x state before
the output is enabled. Note that some COM2x1:0 bit settings are reserved for certain
modes of operation. See “Register Description” on page 191.
Compare Output Mode and
Waveform Generation
The Waveform Generator uses the COM2x1:0 bits differently in normal, CTC, and PWM
modes. For all modes, setting the COM2x1:0 = 0 tells the Waveform Generator that no
action on the OC2x Register is to be performed on the next compare match. For com-
pare output actions in the non-PWM modes refer to Table 91 on page 192. For fast
PWM mode, refer to Table 92 on page 192, and for phase correct PWM refer to Table
93 on page 193.
A change of the COM2x1:0 bits state will have effect at the first compare match after the
bits are written. For non-PWM modes, the action can be forced to have immediate effect
by using the FOC2x strobe bits.
Timer/Counter Timing
Diagrams
The following figures show the Timer/Counter in synchronous mode, and the timer clock
(clk
T2) is therefore shown as a clock enable signal. In asynchronous mode, clkI/O should
be replaced by the Timer/Counter Oscillator clock. The figures include information on
when Interrupt Flags are set. Figure 73 contains timing data for basic Timer/Counter
operation. The figure shows the count sequence close to the MAX value in all modes
other than phase correct PWM mode.
Figure 73. Timer/Counter Timing Diagram, no Prescaling
Figure 74 shows the same timing data, but with the prescaler enabled.
clk
Tn
(clk
I/O/1)
TOVn
clk
I/O
TCNTn
MAX - 1
MAX
BOTTOM
BOTTOM + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com