Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 106 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex®-M33 and Xtensa HiFi4 Audio DSP CPUs; Up to 4.5 MB SRAM; FlexSPI with cache and dynamic decryption; High-speed USB device/host Phy; 12-bit 1 Msamples/s ADC
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 102Page - NXP Semiconductors RT600 Datasheet HTML 103Page - NXP Semiconductors RT600 Datasheet HTML 104Page - NXP Semiconductors RT600 Datasheet HTML 105Page - NXP Semiconductors RT600 Datasheet HTML 106Page - NXP Semiconductors RT600 Datasheet HTML 107Page - NXP Semiconductors RT600 Datasheet HTML 108Page - NXP Semiconductors RT600 Datasheet HTML 109Page - NXP Semiconductors RT600 Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 171 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2024. All rights reserved.
Product data sheet
Rev. 2.3 — 16 May 2024
106 of 173
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
[1] Typical ratings are not guaranteed. The values listed are at room temperature (25 C), nominal supply voltage.
[2] Based on characterization. Not tested in production.
[3] Fail-Safe pins are intended for VDDIO domains that are powered down. Fail-Safe pins do not have diodes to VDDIO. The fail-safe
condition only exists when VDDIO = 0 V. High-Speed pins have diodes to VDDIO, so they are not fail-safe. The High-Speed pins
(PIO1_18 to PIO1_29, PIO1_30 to PIO1_31, and PIO2_0 to PIO2_8) share all VDDIO domains with Fail-Safe pins, except VDDIO_1.
[4] Guaranteed by design, not tested in production.
[5] PMIC mode pins are dedicated outputs. They are hard wired to normal drive, no input buffer, no pull ups or pull downs, and no slew rate
control.
[6] Based on simulation, not tested in production.
[7] The value of any series resistance on a Fail-Safe pin must be limited to ensure that the maximum VIL value can be satisfied when the
pin is switched from high to low. Use Rmax = VILmax / IINmax to calculate the maximum allowed series resistance.
Ipd
pull-down
current
VI = VDDIO
34
-
180
A
VI = 3.6 V
[2] 72
-
180
A
Ipu
pull-up current
VI = 0 V
-34
-
-180
A
Rpd
pull-down
resistance
20
-
50
kΩ
Rpu
pull-up
resistance
20
-
50
kΩ
Fall Time
tf
fall time
15 pF load
[6]
-
-
6
ns
Table 30. Static characteristics: pin characteristics …continued
Tamb = -20 C to +85 C, unless otherwise specified. Values tested in production unless otherwise specified.
Sym
bol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com